Part Number Hot Search : 
TSOP1536 SI3052V P600A1 31QDB 2SK2925S SL5259 3DD1300 5DT1DSTF
Product Description
Full Text Search
 

To Download 2N7002DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002DW
Dual N-Channel MOSFET
3 2 1
65
4
Features:
*Low On-Resistance : 7.5 *Low Input Capacitance: 22PF *Low Out put Capacitance : 11PF *Low Threshole :1 .5V(TYE) *Fast Switching Speed : 11ns
1
2
3
4
5
6
SOT-363(SC-88)
Mechanical Data:
*Case: SOT-363, Molded Plastic *Case Material-UL Flammability Rating 94V-0 *Terminals: Solderable per MIL-STD-202, Method 208 *Weight: 0.006 grams(approx.)
Maximum Ratings (TA=25 C Unless Otherwise Specified)
Rating Drain-Source Voltage Drain-Gate Voltage R GS <1.0M _ Gate-Source Voltage Continuous Drain Current (TA=25 C) Power Dissipation (TA=25 C) Maximax Junction-to-Ambient Operating Junction and Storage Temperature Range Symbol VDS VDGR VGS ID PD R JA TJ, Tstg Value 60 60 20 115 200 625 -55 to 150 Unit V V V mA mW C/W C
Device Marking
2N7002DW= Note 1: Pulse Width Limited by Maximum Junction Temperature
WEITRON
http://www.weitron.com.tw
2N7002DW
Electrical Characteristics
Characteristic (TA=25 C Unless otherwise noted) Symbol Min Typ Max Unit
Static
Drain-Source Breakdown Voltage VGS=0V, ID=10 uA Gate-Threshold Voltage VDS=V GS , ID =-250uA Gate-body Leakage + VGS= _ 20V, VDS=0V Zero Gate Voltage Drain Current VDS=60V, VGS=0V @ Tc=25 C VDS=60V, VGS=0V @ Tc=125 C On-State Drain Current VGS=10V, VDS=7.5V Drain-Source On-Resistance VGS=5V, ID=0.05A @ Tj=25 C VGS=10V, ID=0.5A @ Tj =125 C Forward Transconductance VDS=10V, ID=0.2A V(BR)DSS VGS (th) IGSS IDSS ID (on) 60 1.0 70 1.5 1.0 3.2 4.4 2.0 +10 _ 1.0 500 V V nA uA A
0.5
RDS (on)
gfs
80
7.5 13.5
-
-
mS
Dynamic
Input Capacitance VDS=25V, VGS=0V, f=1MHZ Output Capacitance VDS=25V, VGS=0V, f=1MHZ Reverse Transfer Capacitance VDS=25V, VGS=0V, f=1MHZ Ciss Coss Crss
-
22 11 2.0
50 25 5.0
PF
Switching
Turn-On Time VDD=30V, RL=150 ,ID=0.2A VGEN=10V, RGEN=25 Turn-Off Time VDD=30V, RL=150 , ID=0.2A VGEN=10V, RGEN=25 td(on)
-
7.0
20
nS
td(off )
-
11
20
nS
WEITRON
http://www.weitron.com.tw
2N7002DW
1.0
0.8
I D , DRAIN-SOURCE CURRENT (A)
R DS(ON) , NORMALIZED DRAIN-SOURCE ON-RESIST ANCE
0.6
V GS = 10V 9.0V 8.0V 7.0V 6.5V 6.0V 5.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0/1.0V
7
T j = 25C
6 5
V GS = 5.0V
5.5V
4 3 2 1 0
5.0V 0.4
V GS = 10V
0.2
0 0 1 2
3
4
5
0
0.2
0.4
0.6 (A)
0.8
1.0
V DS , DRAIN-SOURCE
V OLTAGE (V)
I D , DRAIN CURRENT
FIG.1 On-Region Characteristics
FIG.2 On-Resistance vs Drain Current
2.0
6
R DS(ON) , NORMALIZED DRAIN-SOURCE ON-RESIST ANCE
1.5
V GS = 10V , I D = 0.5A
R DS(ON) , N RMALIZED DRAIN-SOURCE ON-RESIST ANCE
5
4
I D = 50mA
3
I D = 500mA
1.0
V GS = 5.0V , I D = 0.05A
2
0.5
1
0 -55 -30 -5 20 45 70 95 120 145 Tj , JUNCTION TEMPERA TURE (C)
0 0 2 4 6 8 10 12 14 16 18 V GS , GA TE TO SOURCE VOL TAGE (V)
FIG.3 On-Resistance vs Junction Temperature
FIG.4 On-Resistance vs. Gate-Source Voltage
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of 2N7002DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X