Part Number Hot Search : 
MUR2560R 100EP AP150 C4148 LA5550M CXTA14 4K275 SPIC33
Product Description
Full Text Search
 

To Download 2N6988JANTXV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
MULTIPLE (QUAD) PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/558 Devices 2N6987 2N6987U 2N6988 Qualified Level JAN JANTX JANTXV JANS
MAXIMUM RATINGS (1) Ratings
Collector-Emitter Voltage (4) Collector-Base Voltage (4) Emitter-Base Voltage (4) Collector Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IC
Value
60 60 5.0 600 1.5 1.0 0.4 -65 to +200
Units
Vdc Vdc Vdc mAdc W
0
2N6987* TO- 116
@ TA = +250C 2N6987 (2) PT 2N6987U (2) (3) 2N6988 Operating & Storage Junction Temperature Range Top, Tstg 1) Maximum voltage between transistors shall be 500 Vdc 2) Derate linearly 8.57 mW/0C above TA = +250C 3) Derate linearly 2.286 mW/0C above TA = +250C. 4) Ratings apply to each transistor in the array.
C
2N6987U* 20 PIN LEADLESS
2N6988* 14 PIN FLAT PACK
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICBO Min. 60 10 10 10 50 Max. Unit Vdc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Base Cutoff Current VCB = 60 Vdc VCB = 50 Vdc Emitter-Base Cutoff Current VBE = 5.0 Vdc VEB = 3.5 Vdc
IEBO
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6987, 2N6988 JAN, SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 10 Vdc IC = 1.0 mAdc, VCE = 10 Vdc IC = 10 mAdc, VCE = 10 Vdc IC = 150 mAdc, VCE = 10 Vdc IC = 500 mAdc, VCE =10 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc Base-Emitter Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc 75 100 100 100 50 450 300
hFE
VCE(sat)
0.4 1.6 1.3 2.6
Vdc Vdc
VBE(sat)
DYNAMIC CHARACTERISTICS
Magnitude of Small-Signal Short-Circuit Forward-Current Transfer Ratio IC = 50 mAdc, VCE = 20 Vdc, f = 100 MHz Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 2.0 Vdc, IC = 0, 100 kHz f 1.0 MHz
hfe
hfe Cobo Cibo
2.0 100
8.0
8.0 30
pF pF
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6988JANTXV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X