Part Number Hot Search : 
PS100 MM536 74101 CR4802AC KTC3620S LV5026M HAT1026R 106K0
Product Description
Full Text Search
 

To Download 2N6052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP DARLINGTON POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/501 Devices 2N6051 2N6052 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation(1)
Symbol
VCEO VCBO VEBO IB IC PT Top, Tstg Symbol RJC
2N6051
80 80
2N6052
100 100
Unit
Vdc Vdc Vdc Adc Adc W W
0
@ TC = +250C @ TC = +1000C Operating & Storage Junction Temperature Range
5.0 0.2 12 150 75 -55 to +175 Max. 1.0
C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case Unit 0 C/W
TO-3* (TO-204AA)
*See appendix A for package outline
1) Derate linearly at 1.0 W/0C above TC > +250C ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 100 mAdc Collector-Emitter Cutoff Current VCE = 40 Vdc VCE = 50 Vdc Collector-Emitter Cutoff Current VCE = 80 Vdc, VBE = 1.5 Vdc VCE = 100 Vdc, VBE = 1.5 Vdc Emitter-Base Cutoff Current VEB = 5.0 Vdc 2N6051 2N6052 2N6051 2N6052 2N6051 2N6052 V(BR)CEO 80 100 1.0 1.0 0.5 0.5 2.0 Vdc
ICEO
mAdc
ICEX
mAdc
IEBO
mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6051, 2N6052 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 3.0 Vdc IC = 6.0 Adc, VCE = 3.0 Vdc IC = 12 Adc, VCE = 3.0 Vdc Collector-Emitter Saturation Voltage IC = 12 Adc, IB = 120 mAdc IC = 6.0 Adc, IB = 24 mAdc Base-Emitter Saturation Voltage IC = 12 Adc, IB = 120 mAdc Base-Emitter Voltage IC = 6.0 Adc, VCE = 3.0 Vdc 1,000 1,000 150 18,000
hFE
VCE(sat)
3.0 2.0 4.0 2.8
Vdc
VBE(sat) VBE
Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 5.0 Adc, VCE = 3.0 Vdc, f = 1.0 MHz Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 5.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz hfe hfe Cobo 10 250 1,000 300 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 5.0 Adc; IB = 20 mAdc Turn-Off Time VCC = 30 Vdc; IC = 5.0 Adc; IB1 = IB2 = 20 mAdc
t
on
2.0 10
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C + 100C -00, 1 Cycle, t 1.0 s Test 1 VCE = 12.5 Vdc, IC = 12 Adc All Types Test 2 VCE = 30 Vdc, IC = 5.0 Adc All Types Test 3 VCE = 70 Vdc, IC = 200 mAdc 2N6051 VCE = 90 Vdc, IC = 155 mAdc 2N6052 (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X