Part Number Hot Search : 
C2371 TL594CDG GP10J 72PSB LF101DI AT512C MIC2101 2A133
Product Description
Full Text Search
 

To Download 2N577001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5770
Discrete POWER & Signal Technologies
2N5770
C
BE
TO-92
NPN RF Transistor
This device is designed for use as RF amplifiers, oscillators and multipliers with collector currents in the 1.0 mA to 30 mA range. Sourced from Process 43. See PN918 for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
15 30 4.5 50 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
2N5770 350 2.8 125 357
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
2N5770
NPN RF Transistor
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current IC = 3.0 mA, IB = 0 IC = 1.0 A, IE = 0 IE = 10 A, IC = 0 VCB = 15 V, IE = 0 VCB = 15 V, IE = 0, TA = 150 C VEB = 3.0 V, IC = 0 VEB = 2.0 V, IC = 0 15 30 4.5 10 1.0 10 1.0 V V V nA A A A
ON CHARACTERISTICS*
hFE VCE(sat) VBE(sat) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage VCE = 1.0 V, IC = 3.0 mA VCE = 10 V, IC = 8.0 mA IC = 10 mA, IB = 1.0 mA IC = 10 mA, IB = 1.0 mA 20 50 200 0.4 1.0 V V
SMALL SIGNAL CHARACTERISTICS
NF Ccb Cib hfe Noise Figure Collector-Base Capacitance Input Capacitance Small-Signal Current Gain IC = 1.0 mA, VCE = 8.0 V, f = 60 MHz, Rg = 400 VCB = 10 V, IE = 0, f = 1.0 MHz VEB = 0.5 V IC = 8.0 mA, VCE = 10 V, f = 100 MHz IC = 8.0 mA, VCE = 10 V, f = 1.0 kHz IE = 8.0 mA, VCB = 10 V, f = 79.8 MHz 9.0 40 3.0 6.0 0.7 1.1 2.0 18 240 20 dB pF pF
rb'CC
Collector-Base Time Constant
pS
FUNCTIONAL TEST
Gpe PO Amplifier Power Gain Power Output Collector Efficiency I C = 6.0 mA, VCB = 12 V, f = 200 MHz VCC = 15 V, IC = 8.0 mA, f = 500 MHz 15 30 25 dB mW %
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
TO-92 Tape and Reel Data
TO-92 Packaging Configuration: Figure 1.0
TAPE and REEL OPTION
FSCINT Label sample
FAIRCHILD SEMICONDUCTOR CORPORATION LOT:
CBVK741B019
HTB:B QTY: 10000
See Fig 2.0 for various Reeling Styles
NSID:
PN2222N
SPEC:
D/C1:
D9842
SPEC REV: QA REV:
B2
FSCINT Label
(FSCINT)
5 Reels per Intermediate Box F63TNR Label Customized Label 375mm x 267mm x 375mm Intermediate Box
F63TNR Label sample
LOT: CBVK741B019 FSID: PN222N D/C1: D9842 D/C2: QTY1: QTY2: QTY: 2000 SPEC: SPEC REV: CPN: N/F: F
Customized Label
(F63TNR)3
TO-92 TNR/AMMO PACKING INFROMATION
Packing Reel Style A E Ammo M P Quantity 2,000 2,000 2,000 2,000 EOL code D26Z D27Z D74Z D75Z
AMMO PACK OPTION
See Fig 3.0 for 2 Ammo Pack Options
Unit weight = 0.22 gm Reel weight with components = 1.04 kg Ammo weight with components = 1.02 kg Max quantity per intermediate box = 10,000 units
FSCINT Label 327mm x 158mm x 135mm Immediate Box Customized Label 5 Ammo boxes per Intermediate Box F63TNR Label 333mm x 231mm x 183mm Intermediate Box
Customized Label
(TO-92) BULK PACKING INFORMATION
EOL CODE J18Z J05Z NO EOL CODE DESCRIPTION TO-18 OPTION STD TO-5 OPTION STD TO-92 STANDARD STRAIGHT FOR: PKG 92, 94 (NON PROELECTRON SERIES), 96 TO-92 STANDARD STRAIGHT FOR: PKG 94 (PROELECTRON SERIES BCXXX, BFXXX, BSRXXX), 97, 98 LEADCLIP DIMENSION NO LEAD CLIP NO LEAD CLIP NO LEADCLIP QUANTITY 2.0 K / BOX 1.5 K / BOX 2.0 K / BOX
BULK OPTION
See Bulk Packing Information table Anti-static Bubble Sheets
FSCINT Label
L34Z
NO LEADCLIP
2.0 K / BOX
2000 units per EO70 box for std option
114mm x 102mm x 51mm Immediate Box
5 EO70 boxes per intermediate Box 530mm x 130mm x 83mm Intermediate box Customized Label
FSCINT Label 10,000 units maximum per intermediate box for std option
(c)2001 Fairchild Semiconductor Corporation
March 2001, Rev. B1
TO-92 Tape and Reel Data, continued
TO-92 Reeling Style Configuration: Figure 2.0
Machine Option "A" (H) Machine Option "E" (J)
Style "A", D26Z, D70Z (s/h)
Style "E", D27Z, D71Z (s/h)
TO-92 Radial Ammo Packaging Configuration: Figure 3.0
FIRST WIRE OFF IS COLLECTOR ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON TOP FIRST WIRE OFF IS EMITTER ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON BOTTOM
ORDER STYLE D74Z (M)
ORDER STYLE D75Z (P)
FIRST WIRE OFF IS EMITTER (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON BOTTOM
FIRST WIRE OFF IS COLLECTOR (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON TOP
September 1999, Rev. B
TO-92 Tape and Reel Data, continued
TO-92 Tape and Reel Taping Dimension Configuration: Figure 4.0
Hd P Pd
b Ha H1 HO d L L1 W1 S WO W2 W
t
t1 P1 F1 P2 DO ITEM DESCRIPTION PO Base of Package to Lead Bend Component Height Lead Clinch Height Component Base Height Component Alignment ( side/side ) Component Alignment ( front/back ) Component Pitch Feed Hole Pitch Hole Center to First Lead Hole Center to Component Center Lead Spread Lead Thickness Cut Lead Length Taped Lead Length Taped Lead Thickness Carrier Tape Thickness SYMBOL b Ha HO H1 Pd Hd P PO P1 P2 F1/F2 d L L1 t t1 W WO W1 W2 DO S DIMENSION 0.098 (max) 0.928 (+/- 0.025) 0.630 (+/- 0.020) 0.748 (+/- 0.020) 0.040 (max) 0.031 (max) 0.500 (+/- 0.020) 0.500 (+/- 0.008) 0.150 (+0.009, -0.010) 0.247 (+/- 0.007) 0.104 (+/- 0 .010) 0.018 (+0.002, -0.003) 0.429 (max) 0.209 (+0.051, -0.052) 0.032 (+/- 0.006) 0.021 (+/- 0.006) 0.708 (+0.020, -0.019) 0.236 (+/- 0.012) 0.035 (max) 0.360 (+/- 0.025) 0.157 (+0.008, -0.007) 0.004 (max)
User Direction of Feed
TO-92 Reel Configuration: Figure 5.0
Carrier Tape Width Hold - down Tape Width Hold - down Tape position Feed Hole Position Sprocket Hole Diameter Lead Spring Out
Note : All dimensions are in inches.
ELECT ROSTATIC SEN SITIVE D EVICES
D4
D1 ITEM DESCRIPTION SYSMBOL MINIMUM MAXIMUM
F63TNR Label Customized Label
D2
Reel Diameter Arbor Hole Diameter (Standard) (Small Hole) Core Diameter Hub Recess Inner Diameter Hub Recess Depth Flange to Flange Inner Width W1 Hub to Hub Center Width W3 Note: All dimensions are inches
D1 D2 D2 D3 D4 W1 W2 W3
13.975 1.160 0.650 3.100 2.700 0.370 1.630
14.025 1.200 0.700 3.300 3.100 0.570 1.690 2.090
W2
D3
July 1999, Rev. A
TO-92 Package Dimensions
TO-92 (FS PKG Code 92, 94, 96)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.1977
(c)2000 Fairchild Semiconductor International
January 2000, Rev. B
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of 2N577001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X