Part Number Hot Search : 
UZ8113 IRFS4 BR200 60200 MA2SV05 MB3505 01800 MBR2045
Product Description
Full Text Search
 

To Download 2N5416CSM4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5415CSM4 2N5416CSM4
MECHANICAL DATA Dimensions in mm (inches)
5.59 0.13 (0.22 0.005) 0.25 0.03 (0.01 0.001)
PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
1.40 0.15 (0.055 0.006)
FEATURES
* Silicon Planar PNP Transistor * Hermetic Ceramic Surface Mount Package
0.23 min. (0.009)
0.64 0.08 (0.025 0.003)
0.23 rad. (0.009) 3 2 1.27 0.05 (0.05 0.002)
3.81 0.13 (0.15 0.005)
4
1
* CECC Screening Options * Space quality Options
1.02 0.20 (0.04 0.008)
2.03 0.20 (0.08 0.008)
LCC3 PACKAGE Underside View
PAD 1 - Collector PAD 2 - N/C PAD 3 - Emitter PAD 4 - Base
ABSOLUTE MAXIMUM RATINGS
VCBO VCEO(sus) VEBO IC IB Ptot Tstg TJ Rth-j-amb
Tcase = 25c unless otherwise stated
2N5415 -200V -200V -4V
2N5416 -350V -300V -6V
Collector - Base Voltage (IE=0) Collector - Emitter Voltage (IB=0) Emitter - Base Voltage (IC=0) Collector Current Base Current Total Device Dissipation at TA 25C Storage Temperature Junction Temperature Thermal Resistance Junction - Ambient
1A 0.5A 1W -65 to +200C 175C 150C/W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 02/00
2N5415CSM4 2N5416CSM4
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
ICBO ICEO IEBO Collector Cut Off Current (VE =0) Emitter Cut Off Current (IB =0) Emitter Cut Off Current (IC =0) VCB = -175V VCB = -280V VCE = -150V VEB = -4V VEB = -6V IC = -10mA IC = -10mA IB =-5mA VCE = -10V VCE =-10V 2N5415 VCE =-10V 2N5416 VCE = -10V VCB = -10V VCE = -10V 15 30 30 25
2N5415 2N5416 2N5415 2N5416 2N5415 2N5416
Typ.
Max.
-50 -50 -50 -20 -20
Unit
mA mA mA
V V V
VCEO(sus)* Collector Emitter on Voltage(IB =0)
-200 -300 -350 -0.5 -1.5 150 120
VCER(sus)* Collector Emitter Breakdown Voltage IC = -50mA VCE(sat) Collector Base Breakdown Voltage IC = -50mA VBE* hFE* hfe Ccbo fT Base-Emitter Voltage DC Current Gain Small Signal Current Gain Collector-Base Capacitance Transition Frequency IC = -50mA IC = -50mA IC = -50mA IC = -5mA f = 1KHz IE = 0 f = 1MHz IC = -10mA f = 5MHz
RBE=50W 2N5416
V V -- --
25
pF MHz
*Pulsed: duration = 300ms, duty cycle 1.5%
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 02/00


▲Up To Search▲   

 
Price & Availability of 2N5416CSM4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X