Part Number Hot Search : 
CY7C42 5KE400CA 1N5274 74VHCT02 TOP25 FL400 EP4856 MOBIL
Product Description
Full Text Search
 

To Download 2N4392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4392
MECHANICAL DATA Dimensions in mm (inches)
5.84 (0.230) 5.31 (0.209) 4.95 (0.195) 4.52 (0.178)
JFET SWITCHING N CHANNEL- DEPLETION
5.33 (0.210) 4.32 (0.170)
FEATURES
* LOW ON RESISTANCE * FAST SWITCHING * MILITARY OPTIONS AVAILABLE
0.48 (0.019) 0.41 (0.016) dia.
2.54 (0.100) Nom.
3 2
1
12.7 (0.500) min.
APPLICATIONS:
* SWITCHING APPLICATIONS
TO-18 METAL PACKAGE
Underside View PIN 1 - Source PIN 2 - Drain PIN 3 - Gate
(Gate is connected to case)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VDS VDG VGS IGF PD TJ TSTG Drain-Source Voltage Drain-Gate Voltage Gate-Source Voltage Forward Gate Current Total Device Dissipation @ TC = 25C Derate above 25C Operating Junction Temperature Range Storage Temperature Range 40V 40V 40V 50mA 1.8W 10mW/ C -65 to +175C -65 to +175C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
Prelim. 5/99
2N4392
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated) Parameter Test Conditions
OFF CHARACTERISTICS
V(BR)GSS IGSS VGS VGS(f) ID(off) Gate Source Breakdown Voltage1 Gate Reverse Current Gate Source Voltage Gate Source Forward Voltage
Drain Cut-off Current
Min.
40
Typ.
Max. Unit
V 0.1 0.2 nA
IG = 1.0mA VGS = 20V VGS = 20V VDS = 20V IG = 1.0mA VGS = 7V VGS = 7V
VDS = 0 VDS = 0 VDS = 0 TA = 150C ID = 1.0nA VDS = 0 VDS = 20V VDS = 20V TA = 150C
mA
V V nA
-0.2
-5 1.0 0.1 0.2
mA
mA
ON CHARACTERISTICS
IDSS VDS(on) rDS(on) Zero Gate voltage Drain Current1 Drain Source On-Voltage Static Drain Source On Resistance VGS = 0V ID = 6mA ID = 1.0mA VGS = 0V VGS = 7V VDS = 20V VGS = 0 VGS = 0 VDS = 20V f = 1.0MHz VDS = 0V f = 1.0MHz VGS = 0V ID = 0 f = 1.0kHz ID(on) = 6mA VGS(on) = 7V ID(on) = 6mA VGS(off) = 7V 25 75 0.4 60 V
W
ELECTRICAL CHARACTERISTICS
Ciss Crss Input Capacitance Reverse Transfer Capacitance 14 pF 3.5
SMALL SIGNAL CHARACTERISTICS
rds(on) Drain-Source "ON" Resistance 60
W
SWITCHING CHARACTERISTICS
ton toff tr tf Turn-On Time Turn-Off Time RiseTime FallTime 15 35 5.0 20 ns
1) Pulse test : Pulse Width < 100ms ,Duty Cycle < 2% 2) ft is defined as the frequency at which |hfe| extrapolates to untity.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
Prelim. 5/99


▲Up To Search▲   

 
Price & Availability of 2N4392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X