Part Number Hot Search : 
2SK3561 EGA16 M62354P ASI10597 AR2502 1N3671A 2N002 STU12L01
Product Description
Full Text Search
 

To Download 2N3700DCSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
SEME
2N3700DCSM
HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
FEATURES
1.40 0.15 (0.055 0.006) 0.64 0.08 (0.025 0.003)
2.29 0.20 (0.09 0.008)
1.65 0.13 (0.065 0.005)
* DUAL SILICON PLANAR EPITAXIAL NPN TRANSISTOR
4.32 0.13 (0.170 0.005)
2.54 0.13 (0.10 0.005)
2 1
3 4 5
* HERMETIC CERAMIC SURFACE MOUNT PACKAGE * CECC SCREENING OPTIONS * SPACE QUALITY LEVELS OPTIONS * HIGH VOLTAGE
A
6
0.23 rad. (0.009) 1.27 0.13 (0.05 0.005)
6.22 0.13 (0.245 0.005)
A=
LCC2 PACKAGE Underside View
PAD 1 - Collector 1 PAD 2 - Base 1 PAD 3 - Base 2 PAD 4 - Collector 2 PAD 5 - Emitter 2 PAD 6 - Emitter 1
APPLICATIONS:
Dual Hermetically sealed surface mount version of the popular 2N3700 for high reliability/ space applications requiring small size and low weight devices.
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25C unless otherwise stated) VCBO VCEO VEBO IC PD PD PD Rja Tstg Semelab plc. Collector - Base Voltage Collector - Emitter Voltage (IB = 0) Emitter - Base Voltage (IB = 0) Collector Current Per Device Dissipation Total Device Dissipation Derate above 25C (Per Device) (Total) Thermal Resistance Junction to Ambient Storage Temperature
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
2N3700 140V 80V 7V 1A 350mW 525mW 2mW / C 3mW/C 240C/W -65 to 200C
Prelim. 2/98
LAB
ELECTRICAL CHARACTERISTICS (per Device)
Parameter
VCEO(sus)* ICBO* IEBO* VCE(sat)* VBE(sat)* hFE* Collector - Emitter Sustaining Voltage (IB = 0) Collector - Base Cut-off Current (IE = 0) Emitter Cut-off Current (IC = 0) Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage DC Current Gain (VCE = 10V) VCB = 90V VCB = 90V VEB = 5V IC = 150mA IC = 500mA IC = 150mA IC = 0.1mA IC = 10mA IC = 150mA IC = 500mA IC = 1A IC = 150mA V(BR)CBO V(BR)EBO Collector-base Breakdown Voltage (IE = 0) Emitter-base BreakdownVoltage (IC = 0)
* Pulse test tp = 300s , 1%
SEME
2N3700DCSM
(Tcase = 25C unless otherwise stated)
Test Conditions
IC =10mA
Min.
80
Typ.
Max. Unit
V 10 nA A nA V V V 300 V V
Tamb = 150C IB = 15mA IB = 50mA IB = 15mA VCE = 10V VCE = 10V VCE = 10V VCE = 10V VCE = 10V VCE = 10V 140 7 50 90 100 50 15
10 10 0.2 0.5 1.1
IC = 100A IE = 100A
DYNAMIC CHARACTERISTICS
Parameter
fT hfe CEBO CCBO
rbb'Cb'c
(Tcase = 25C unless otherwise stated)
Test Conditions
IC = 50mA IC = 1mA IC = 0 IC = 0 IC = 10mA VCE = 10V VCE = 5V VEB = 0.5V VCB = 10V VCB = 10V f = 20MHz f = 1kHz f = 1MHz f = 1MHz f = 4MHz
Min.
100 80
Typ.
Max. Unit
200 400 60 12 MHz pF pF ps
Transition Frequency Small Signal Current Gain Emitter-base Capacitance Collector-base Capacitance Feedback time constant
25
400
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/98


▲Up To Search▲   

 
Price & Availability of 2N3700DCSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X