Part Number Hot Search : 
PG3202 TC124E TDA9183T SP201 06010 HYB18 RF203 CXA19
Product Description
Full Text Search
 

To Download 2N3057A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N3057A
Type 2N3057A
Geometry 4500 Polarity NPN Qual Level: JAN - JANS
Features: * * * * * General-purpose transistor for switching and amplifier applicatons. Housed in a TO-46 case. Also available in chip form using the 4500 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/391 which Semicoa meets in all cases. Radiation Graphs available.
Generic Part Number: 2N3057A
REF: MIL-PRF-19500/391
TO-46
Maximum Ratings
TC = 25oC unless otherwise specified
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Operating Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC TJ TSTG
Rating
80 140 7.0 1.0 -55 to +175 -55 to +175
Unit
V V V mA
o
C C
o
Data Sheet No. 2N3057A
Electrical Characteristics
TC = 25 C unless otherwise specified
o
OFF Characteristics
Collector-Base Breakdown Voltage IC = 100 A Collector-Emitter Breakdown Voltage IC = 30 mA Emitter-Base Breakdown Voltage IE = 100 A Collector-Emitter Cutoff Current VCE = 90 V Emitter-Base Cutoff Current VEB = 5 V
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICES IEBO
Min
140 80 7.0 -----
Max
------10 10
Unit
V V V nA nA
ON Characteristics
DC Current Gain IC = 150 mA, VCE = 10 V IC = 0.1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V (pulse test) IC = 500 mA, VCE = 10 V (pulse test) IC = 1 A, VCE = 10 V (pulse test) Collector-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test) IC = 500 mA, IB = 50 mA (pulse test) Base-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test)
Symbol
hFE1 hFE2 hFE3 hFE4 hFE5 VCE(sat)1 VCE(sat)2 VBE(sat)
Min
100 50 90 50 15 -------
Max
300 200 --200 --0.2 0.5 1.1
Unit
----------V dc V dc V dc
Small Signal Characteristics
Short Circuit Forward Current Transfer Ratio IC = 1 mA, VCE = 5 V, f = 1 kHz Magnitude of Common Emitter Short Circuit Forward Current Transfer Ratio VCE = 10 V, IC = 50 mA, f = 200 MHz Open Circuit Output Capacitance VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz Input Capacitance, Output Open Circuited VEB = 2.0 V, IC = 0, 100 kHz < f < 1 MHz Collecor-Base Time Constant VCE = 10 V, IC = 10 mA, f = 79.8 MHz Noise Figure VCE = 10 V, IC = 100 A, Rg = 1 kOhm
Symbol
AC hFE |hFE| COBO CIBO rb'CC NF
Min
80 5.0 ---------
Max
400 20 12 60 400 4
Unit
----pF pF ps dB
Switching Characteristics
Pulse Response 15 ns, 50 ohm input pulse
Symbol
tON+ tOFF
Min
---
Max
30
Unit
ns


▲Up To Search▲   

 
Price & Availability of 2N3057A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X