|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2N3054 Dimensions in mm (inches). 3.68 (0.145) rad. max. 6.35 (0.250) 8.64 (0.340) 3.61 (0.142) 4.08(0.161) rad. Bipolar NPN Device in a Hermetically sealed TO66 Metal Package. 11.94 (0.470) 12.70 (0.500) 24.13 (0.95) 24.63 (0.97) 1 14.48 (0.570) 14.99 (0.590) 2 0.71 (0.028) 0.86 (0.034) Bipolar NPN Device. VCEO = 55V IC = 4A All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications 4.83 (0.190) 5.33 (0.210) 9.14 (0.360) min. 1.27 (0.050) 1.91 (0.750) TO66 (TO213AA) PINOUTS 1 - Base 2 - Emitter Case - Collector Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 55 4 Units V A Hz @ 4/0.5 (VCE / IC) 25 0.8M 100 25 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Generated 1-Aug-02 |
Price & Availability of 2N3054 |