Part Number Hot Search : 
CS3524A AK4355VF ADA489 SB310 W49F002U LAD1S M8S63TBJ 1232034
Product Description
Full Text Search
 

To Download 2N2218A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 580 Pleasant St. Watertown, MA 02472 PH: (617) 926-0404 FAX: (617) 924-1235
2N2218A
Features
* * * * * Meets MIL 19500 /251 Collector - Base Voltage 75V Collector - Current 800 mA Medium Current, Bipolar Transistor Available in TO-5
SWITCHING TRANSISTOR JAN, JANTX, JANTXV SMALL SIGNAL BIPOLAR NPN SILICON
TO-39
Maximum Ratings
RATING Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current - Continuous Total Device Dissipation @ TA = 25 C Derate above 25 C Total Device Dissipation @ TC = 25 C Derate above 25 C Operating Junction&Storage Temperature Range SYMBOL VCEO VCBO VEBO IC PD PD T J, Tstg VALUE 50 75 6 800 0.8 4.6 3.0 17.0 - 55 to +200 UNIT Vdc Vdc Vdc mAdc WATTS mW/C WATTS mW/C C
Thermal Characteristics
CHARACTERISTIC Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case SYMBOL R JA R JC MAX 217 59 UNIT C/W C/W
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
Electrical Characteristics (TA = 25C unless otherwise noted)
OFF CHARACTERISTIC Collector - Emitter Breakdown Voltage (1) ( IC = 10 mA dc, IB = 0 ) Collector - Base Breakdown Voltage ( IC = 10 Adc, IE = 0 ) Emitter - Base Breakdown Voltage ( IE = 10 Adc, IC = 0 ) Collector - Emitter Cutoff Current ( VCE = 50 Vdc ) Collector - Base Cutoff Current ( VCB = 60 Vdc, IE = 0 ) ( VCB = 60 Vdc, IE = 0, T A = 150 C ) Emitter - Base Cutoff Current ( VEB = 4 Vdc ) ( VEB = 6 Vdc ) ON CHARACTERISTIC DC Current Gain ( IC = 0.1 mA dc, VCE = 10 Vdc ) (1) ( IC = 1 mA dc, VCE = 10 Vdc ) (1) ( IC = 10 mA dc, VCE = 10 Vdc ) (1) ( IC = 150 mA dc, VCE = 10 Vdc ) (1) ( IC = 500 mA dc, VCE = 10 Vdc ) (1) ( IC = 10 mA dc, VCE = 10 Vdc, TJ = - 55C ) (1) Collector - Emitter Saturation Voltage ( IC = 150 mAdc, IB = 15 mAdc ) (1) ( IC = 500 mAdc, IB = 50 mAdc ) (1) Base - Emitter Saturation Voltage ( IC = 150 mAdc, IB = 15 mAdc ) (1) ( IC = 500 mAdc, IB = 50 mAdc ) (1) SYMBOL V(BR)CEO V(BR)CBO 75 V(BR)EBO 6 ICES 10 ICBO 10 10 IEBO 10 10 SYMBOL hFE MIN 30 35 40 40 20 35 VCE(sat) 0.3 1.0 VBE(sat) 0.6 1.2 2.0 Vdc Vdc Vdc Vdc MAX nAdc Adc UNIT nAdc Adc nAdc Vdc Vdc MIN 50 MAX UNIT Vdc
150 120
1. Pulse Test: Pulse Width 300 s, Duty Cycle .2%
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
Electrical Characteristics (TA = 25C unless otherwise noted)
SMALL - SIGNAL CHARACTERISTICS Output Capacitance ( VCB = 10 Vdc, IE = 0, 100kHz f 1 MHz ) Input Capacitance ( VEB = 0.5 Vdc, IC = 0, 100kHz f 1 MHz ) SWITCHING CHARACTERISTICS Turn - On Time ( VCC = 30 Vdc, IC = 150 mAdc, IB1 =15 mAdc) ( See FIGURE 1 ) Turn - Off Time ( VCC = 30 Vdc, IC = 150 mAdc, IB1 = - IB2 = 15 mAdc) ( See FIGURE 2 ) SYMBOL Cobo Cibo 25 SYMBOL ton MIN MAX pF UNIT MIN MAX 8.0 UNIT pF
35 toff 300
ns
ns
Small - Signal AC Characteristics (TA = 25C)
LOW FREQUENCY Common - Emitter Forward Current Transfer Ratio ( IC = 1 mA, VCE = 10 V, f = 1kHz ) HIGH FREQUENCY Common - Emitter Forward Current Transfer Ratio ( IC = 20 mA, VCE = 20 V, f = 100 MHz ) SYMBOL hfe MIN 35 |hfe| 2.5
*1
MAX
UNIT
12
Spice Model
(based upon typical device characteristics)
XTI = 3.0 IKF = 1.255 IKR = 0.8992 CJE = 29.6p XTF = 0.0 EG = 1.11 NK = 0.9394 RC = 0.0 MJE = 0.3333 VTF = 10.0 )
Q2N2218A NPN ( IS = 21.2f + NE = 2.05 + NC = 1.605 + FC = 0.5 + ITF = 1.0
VAF = 103.8 XTB = 1.5 CJC = 19.4p VJE = 0.75
BF = 90.7 BR = 1.031 MJC = 0.3333 TR = 275.0 n
ISE = 3.34p ISC = 3.299p VJC = 0.75 TF= 564.5p
*1. Microsemi Corp. claims no responsibility for misapplication of Spice Model information. Spice modeling should be used as a precursor guide to in-circuit performance. Actual performance is the responsibility of the user/designer.
MSCO933A 10-14-98 DSW2N2218A <-> (34724)
2N2218A
TO-39 CASE OUTLINE
DIE CHARACTERISTICS Back is Collector Chip Thickness is: 10 MILS TYP Metalization is: Top = Al, Back = Au
DIE OUTLINE
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
FIGURE 1
Saturated Turn-on Time Test Circuit
t
FIGURE 2
Saturated Turn-off Time Test Circuit
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
DC CURRENT GAIN VCE = 10 V
125 125 typ @ 25C 100 100
hFE CURRENT GAIN
75
75
50
typ @ -55C
50
25
25
0
.0001 .001 .01 IC COLLECTOR CURRENT (A) .1 1
0
FIGURE 3
VCE, COLLECTOR-EMITTER (V)
COLLECTOR SATURATION vs BASE CURRENT TJ = 25 C
1.0 1.0
0.8 IC = 500 mA 0.6 IC = 150 mA 0.4
0.8
0.6
0.4
0.2
0.2
0.0
.0001 .001 .01 IB, BASE CURRENT (A) .1 1
0.0
FIGURE 4
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
VBE, BASE-EMITTER VOLTAGE (V)
BASE SATURATION vs BASE CURRENT TJ = 25 C
1.25 1.25
IC = 500 ma 1.00 IC = 150 ma 1.00
0.75
0.75
0.50 .001
0.50 .01 .1 1 IB, BASE CURRENT (A)
FIGURE 5
JUNCTION CAPACITANCE TJ = 25 C 100 kHz < f < 1 MHz
JUNCTION CAPACITANCE (pF)
30
30
25 CIBO 20 COBO 15
25
20
15
10
10
5
5
0 .01 .1 1 10 REVERSE JUNCTION VOLTAGE (V)
0 100
FIGURE 6
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
SWITCHING TURN - 0N TIME TJ = 25 C IC/IB = 10
100 100
ton TIME (ns)
max.
min.
10 10 100 COLLECTOR CURRENT (mA)
10 1000
FIGURE 7
SWITCHING TURN - OFF TIME TJ = 25 C IC/IB = 10
1000 1000
(ns)
max.
toff TIME
min.
100 10 100 COLLECTOR CURRENT (mA)
100 500
FIGURE 8
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
NORMALIZED GAIN VS FREQUENCY TJ = 25C IC = 20 mA VCE = 20 V
1 1
NORMALIZED GAIN
.1
.1
.01 1 10 100 FREQUENCY MHz
.01 1000
FIGURE 9
MSCO933A 10-14-98
DSW2N2218A <-> (34724)


▲Up To Search▲   

 
Price & Availability of 2N2218A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X