Part Number Hot Search : 
C59RM71 IR2E19 106K0 THC2192 PL4V3Z BKRDE CLQ10206 P6SBMJ27
Product Description
Full Text Search
 

To Download 2MBI300UD-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2MBI300UD-120
IGBT Module U-Series
Features
* High speed switching * Voltage drive * Low inductance module structure
1200V / 300A 2 in one-package
Equivalent Circuit Schematic
C1 E2
Applications
* Inverter for Motor drive * AC and DC Servo drive amplifier * Uninterruptible power supply * Industrial machines, such as Welding machines
C2E1 G1 E1 G2 E2
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25C unless otherwise specified)
Item Collector-Emitter voltage Gate-Emitter voltaga Collector current Symbol VCES VGES IC ICp -IC -IC pulse PC Tj Tstg Viso Conditions
Continuous Tc=25C Tc=80C 1ms Tc=25C Tc=80C
Collector Power Dissipation Junction temperature Storage temperature Isolation voltage between terminal and copper base *1 Screw Torque Mounting *2 Terminals *2
1 device
AC:1min.
Rating 1200 20 400 300 800 600 300 600 1470 +150 -40 to +125 2500 3.5 4.5
Unit V V A
W C VAC N*m
*1 : All terminals should be connected together when isolation test will be done. *2 : Recommendable value : Mounting 2.5 to 3.5 N*m(M5 or M6), Terminals 3.5 to 4.5N*m(M6)
Electrical characteristics (at Tj=25C unless otherwise specified)
Item Zero gate voltage collector current Gate-Emitter leakage current Gate-Emitter threshold voltage Collector-Emitter saturation voltage Symbols ICES IGES VGE(th) VCE(sat) (terminal) VCE(sat) (chip) Cies ton tr tr(i) toff tf VF (terminal) VF (chip) trr R lead Conditions VGE=0V, VCE=1200V VCE=0V, VGE=20V VCE=20V, IC=300mA VGE=15V, IC=300A Tj=25C Tj=125C Tj=25C Tj=125C VCE=10V, VGE=0V, f=1MHz VCC=600V IC=300A VGE=15V RG=1.1 VGE=0V IF=300A Tj=25C Tj=125C Tj=25C Tj=125C Characteristics Min. Typ. - - - - 4.5 6.5 - 1.90 - 2.15 - 1.75 - 2.00 - 34 - 0.36 - 0.21 - 0.03 - 0.37 - 0.07 - 1.75 - 1.85 - 1.60 - 1.70 - - - 0.52 Unit Max. 2.0 400 8.5 2.25 - 2.10 - - 1.20 0.60 - 1.00 0.30 2.05 - 1.90 - 0.35 - mA nA V V
Input capacitance Turn-on time
nF s
Turn-off time Forward on voltage
V
Reverse recovery time Lead resistance, terminal-chip*3
IF=300A
s m
*3:Biggest internal terminal resistance among arm.
Thermal resistance characteristics
Items Thermal resistance Contact Thermal resistance Symbols Rth(j-c) Rth(j-c) Rth(c-f)*4 Conditions IGBT FWD With thermal compound Characteristics Min. Typ. - - - - - 0.025 Unit Max. 0.085 0.14 - C/W C/W C/W
*4 : This is the value which is defined mounting on the additional cooling fin with thermal compound.
2MBI300UD-120
Characteristics (Representative)
Collector current vs. Collector-Emitter voltage (typ.) Tj= 25C / chip
800 700 VGE=20V 600 Collector current : Ic [A] Collector current : Ic [A] 500 400 10V 300 200 100 0 0 1 2 3 4 5 Collector-Emitter voltage : VCE [V] 8V 15V 12V 600 500 400 800 700 VGE=20V 15V
IGBT Module
Collector current vs. Collector-Emitter voltage (typ.) Tj= 125C / chip
12V
10V 300 200 100 0 0 1 2 3 4 5 Collector-Emitter voltage : VCE [V] 8V
Collector current vs. Collector-Emitter voltage (typ.) VGE=15V / chip
800 700 600 Collector current : Ic [A] 500 400 300 200 100 0 0 1 2 3 4 T j=25C T j=125C 10
Collector-Emitter voltage vs. Gate-Emitter voltage (typ.) Tj=25C / chip
Collector - Emitter voltage : VCE [ V ]
8
6
4
2
Ic=600A Ic=300A Ic=150A
0 5 10 15 20 25
Collector-Emitter voltage : VCE [V]
Gate - Emitter voltage : VGE [ V ]
Capacitance vs. Collector-Emitter voltage (typ.) VGE=0V, f= 1M Hz, Tj= 25C
100.0 Collector-Emitter voltage : VCE [ 200V/div ] Gate - Emitter voltage : VGE [ 5V/div ] Cies Capacitance : Cies, Coes, Cres [ nF ]
Dynamic Gate charge (typ.)
Vcc=600V, Ic=300A, Tj= 25C
10.0 Cres
VGE
1.0
Coes
VCE 0 300 600 900 1200 1500 1800
0.1 0 10 20 30
Collector-Emitter voltage : VCE [V]
Gate charge : Qg [ nC ]
2MBI300UD-120
Switching time vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=1.1, Tj= 25C
10000 Switching time : ton, tr, toff, tf [ nsec ] Switching time : ton, tr, toff, tf [ nsec ] 10000
IGBT Module
Switching time vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=1.1, Tj=125C
1000 ton toff tr 100 tf
1000 toff ton tr 100
tf
10 0 100 200 300 400 500 600 Collector current : Ic [ A ]
10 0 100 200 300 400 500 600 Collector current : Ic [ A ]
Switching time vs. Gate resistance (typ.) Vcc=600V, Ic=300A, VGE=15V, Tj= 25C
10000 Switching loss : Eon, Eoff, Err [ mJ/pulse ] Switching time : ton, tr, toff, tf [ nsec ] ton toff 1000 60 50 40
Switching loss vs. Collector current (typ.) Vcc=600V, VGE=15V, Rg=1.1
Eoff(125C) Eon(125C)
Eoff(25C) 30 20 Err(125C) 10 0 Err(25C) Eon(25C)
tr 100 tf
10 0.1 1.0 10.0 100.0
0
100
200
300
400
500
600
Gate resistance : Rg [ ]
Collector current : Ic [ A ]
Switching loss vs. Gate resistance (typ.) Vcc=600V, Ic=300A, VGE=15V, Tj= 125C
250 Switching loss : Eon, Eoff, Err [ mJ/pulse ] Eon 700 200 Collector current : Ic [ A ] 600 500 400 300 200 100 Err 0 0.1 1.0 10.0 100.0 Gate resistance : Rg [ ] 0 0 800
Reverse bias safe operating area (max.) +VGE=15V,-VGE <= 15V, RG >= 1.1 ,Tj <=125C
150
100 Eoff 50
400
800
1200
Collector - Emitter voltage : VCE [ V ]
2MBI300UD-120
Forward current vs. Forward on voltage (typ.) chip
800 700 600 500 Tj=125C 400 300 200 100 0 0 1 2 3 4 Forward on voltage : VF [ V ] 10 0 100 200 300 Reverse recovery current : Irr [ A ] Reverse recovery time : trr [ nsec ] Tj=25C 1000
IGBT Module
Reverse recovery characteristics (typ.) Vcc=600V, VGE=15V, Rg=1.1
Forward current : IF [ A ]
Irr (125C) Irr (25C) trr (125C) trr (25C) 100
400
500
600
Forward current : IF [ A ]
Transient thermal resistance (max.)
1.000 Thermal resistanse : Rth(j-c) [ C/W ]
FWD 0.100 IGBT
0.010
0.001 0.001
0.010
0.100
1.000
Pulse width : Pw [ sec ]
Outline Drawings, mm M235


▲Up To Search▲   

 
Price & Availability of 2MBI300UD-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X