Part Number Hot Search : 
SN74LS47 BM29F MAX13450 OP249GP 21M10 MUR16 VNP20 MAX9789A
Product Description
Full Text Search
 

To Download 2FAA-M20R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

Applications

NT
Lead free as standard RoHS compliant* ESD protection Protects up to ten data lines Low insertion loss
Cell Phones PDAs and Notebooks GPS and SMART Cards
*R
oH
S
CO
M
2FAA-M20R - Integrated Passive & Active Device using MLP
General Information The 2FAA-M20R device, manufactured using Thin Film on Silicon technology, provides ESD protection for the external ports of portable electronic devices such as cell phones, modems and PDAs. The ESD protection provided by the component enables a data port to withstand a minimum 8 KV Contact /15 KV Air Discharge per the ESD test method specified in IEC 61000-4-2. The device measures 3.5 mm x 3.5 mm and is intended to be mounted directly onto an FR4 printed circuit board. The MLP device meets typical thermal cycle and bend test specifications.
GROUND PAD
I/O PADS
MLP PACKAGE
Electrical & Thermal Characteristics
Electrical Characteristics
(TA = 25 C unless otherwise noted) Resistance Capacitance @ 2.5 V 1 MHz Rated Standoff Voltage Breakdown Voltage @ 1 mA Forward Voltage @ 10 mA Leakage Current @ 3 V ESD Protection: IEC 61000-4-2 Contact Discharge Air Discharge
Symbol
R C VWM VBR VF ID
Minimum
180 16 6.0
Nominal
200 20 5.0 0.8
Maximum
220 24
Unit
pF V V V
0.1 8 15
A kV kV
Thermal Characteristics
(TA = 25 C unless otherwise noted) DC Power Rating Operating Temperature Range Storage Temperature Range P TJ TSTG -40 -55 25 25 100 +85 +150 mW C C
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAA-M20R - Integrated Passive & Active Device using MLP
Product Dimensions This silicon-based device is packaged using micro leadframe packaging technology. The MLPs have an exposed die attach pad that provides the interconnect medium from die to PCB. The pads are arranged for easy PCB routing. The pitch is 0.5 mm and the dimensions for the packaged device are shown below.
3.51 (0.138) 0.75 (0.0295)
Recommended Pad Layout
3.51 (0.138)
3.51 (0.138)
2.01 (0.079)
FAA B0412
3.51 (0.138) 3.51 (0.138)
0.40 (0.016)
0.51 (0.020)
0.5 (0.020)
How to Order
2.01 (0.0790) 0.75 (0.0295)
2 FAA - M 20 R
Thin Film Model MLP Package
2.03 (0.080) 0.27 (0.0106)
No. of Solder Pads Packaging Option R = Tape and Reel Packaged 3000 pcs. / 13 reel (100 % Sn Termination)
0.43 (0.0170)
DIMENSIONS =
MILLIMETERS (INCHES)
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAA-M20R - Integrated Passive & Active Device using MLP
Block Diagram The MLP Device block diagram below includes the pin names and basic electrical connections associated with each channel.
EXT1
R1
INT1
EXT10
R10
INT10
GND
GND
EXT2 R2 EXT3 R3
INT2
EXT9 R9
INT9
INT3
EXT8
R8
INT8
GND
GND
EXT4 R4 GND
INT5
EXT7 R7
INT7
EXT5 R5
INT5
EXT6 R6
INT6
Frequency Response
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2FAA-M20R - Integrated Passive & Active Device using MLP
Device Pin Out The Pin-Out for the device is shown below. Note also that the device is shown with bottom side pads facing up.
EXT4 EXT5 EXT7 EXT7 EXT8
20 19 18 17 16
EXT3 EXT2 EXT1 INT1 INT2
1 2 3 4 5 6 7 8 9 10
INT3 INT4 INT5 INT6 INT7
15 14 13 12 11
EXT9 EXT10 INT10 INT9 INT8
Pin Out Function Pin Out Function Pin Out Function Pin1 EXT3 Pin6 INT3 Pin11 INT8 Pin2 EXT2 Pin7 INT4 Pin12 INT9 Pin3 EXT1 Pin8 INT5 Pin13 INT10 Pin4 INT1 Pin9 INT6 Pin14 EXT10 Pin5 INT2 Pin10 INT7 Pin15 EXT9
Pin Out Function Pin16 EXT8 Pin17 EXT7 Pin18 EXT6 Pin19 EXT5 Pin20 EXT4
Packaging The surface mount product is packaged in a 12 mm x 8 mm Tape and Reel format per EIA-481 standard.
TOP SIDE VIEW (INTO COMPONENT POCKET) DIMENSIONS = 0.3 0.05 (.01 .002) 2.0 0.05 (.08 .002) 4.0 0.1 (.16 .004) 1.5 0.1/-0 (.06 .004/-0) DIA. 1.75 0.1 (.07 .004)
MILLIMETERS (INCHES)
R
0.3 MAX. (0.01)
12.0 0.3 (.47 .01) 5.5 0.3 (.22 .01) 3.9 0.1 (.154 .004) 8.0 0.3 (.31 .01) R 0.25 TYP. (0.010)
0.9 0.1 (.035 .004)
3.9 0.1 (.154 .004)
ORIENTATION OF COMPONENT IN POCKET BACKSIDE FACING UP
Reliable Electronic Solutions
Asia-Pacific: TEL +886- (0)2 25624117 * FAX +886- (0)2 25624116 Europe: TEL +41-41 768 5555 * FAX +41-41 768 5510 The Americas: TEL +1-951 781-5492 * FAX +1-951 781-5700
www.bourns.com
COPYRIGHT(c) 2004, BOURNS, INC. LITHO IN U.S.A. 06/05 e/IPA0507 2FAA-M20R REV. A 03/05
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2FAA-M20R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X