Part Number Hot Search : 
PG781 EF4013B CLS0402 2A122K 4HC451 4HC451 GP10M 4HC451
Product Description
Full Text Search
 

To Download 2CFA-330470M-Q20T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

Applications

Lead free versions available RoHS compliant (lead free version)* 8 RC filters with common ground Stable thin-film-on-silicon technology Ultra-miniature packages to JEDEC standards
EMI/RFI filtering on bus lines High frequency applications Ideal for space-constrained applications
*R
Thin Film on Silicon 2CFA Tapped RC Filter
General Information Package Schematic
Tapped Filters are typically used for filtering EMI and RFI on high-speed data lines connecting computer with peripheral. These Silicon-based, Tantalum Nitride resistors and capacitors feature excellent stability, temperature coefficients and tracking performance. This product series conforms to JEDEC standards.
20
19
18
17
16
15
14
13
12
11
1
Electrical & Environmental Characteristics
2
3
4
5
6
7
8
9
10
Electrical Characteristics
Resistance Range Resistor Tolerance Power Rating per Resistor @ 70 C Capacitor Range Capacitor Tolerance Capacitor Breakdown Voltage Operating Voltage
Symbol
R
Minimum
10
Nominal
10 %
Maximum
470 0.1 220
Unit
Watt pF pF V V V C C Watt
C
15 25 20 % 35
50 2K -55 -65
Environmental Characteristics
ESD Operating Temperature Storage Temperature Power Rating per Package @ 70 C Frequency Response
0 -2 -4 -6
TJ Tstg
+125 +150 1.0
2CFA-330/470M-Q20R
Attenuation - dB
-8 -10 -12 -14 -16 -18 -20 0.0001 0.001 0.01 0.1 1 10
Frequency - MHz
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CFA Tapped RC Filter
Mechanical Characteristics QSOP Package Dimensions
A .635 TYP. (.025) 3.81 - 3.99 (.150 - .157)
Model 2QSP20
A 8.56 - 8.74 (.337 - .344)
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137.
QSOP Package Power Temperature Derating Curve
PIN 1
.21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069)
1.25 WATTS 1.0 .75 .50 .25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE ( C ) 2QSP20
.10 - .25 (.004 - .010)
Typical Part Marking
0-8 .19 - .25 (.007 - .010)
Represents total content. Layout may vary.
PRODUCT FUNCTION RESISTANCE CODE/ CAPACITANCE CODE PIN 1 INDICATOR (MOLDED INDENT) MANUFACTURER'S TRADEMARK PIN COUNT CFA20Q 470330M YYWW PACKAGE STYLE GRADE
5.80 - 6.20 (.228 - .244)
.41 - 1.27 (.016 - .050)
DATE CODE
Standard RC Values
R1 Value (ohms) 33 C1 Value (pF) 47 Cap. BV (typ.) 75 Part Number (Tape & Reel) 2CFA-330/470M-Q20R Part Number (Tubes) 2CFA-330/470M-Q20T
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CFA Tapped RC Filter
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
A0
DIMENSIONS = MM (INCHES)
B0
K0
Package QSOP 20 Pin
A0 6.5 (0.256)
B0 9.0 (0.354)
K0 2.1 (0.083)
Width 16 (0.630)
Pitch 8 (0.315)
No. of Pieces No. of Pieces per 13 " reel per tube 3,500 56
How To Order
2 CFA-330/470 M-Q 20 T __
Product Class Thin-Film-on-Silicon Product Function CFA = Tapped RC Filter Resistance Value Code 1st two digits are significant, 3rd digit = number of zeros to follow to give resistance value in ohms. Capacitance Code 1st two digits are significant, 3rd digit = number of zeros to follow to give capacitor value in pF. Standard Grade R Tol. C Tol. M = 10 % 20 % Standard Package Style Q = QSOP Pin Count Q = 20 Dispensing R = Reel T = Tube
Terminations LF = 100 % Sn (lead free) Blank = Sn/Pb
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
04/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2CFA-330470M-Q20T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X