Part Number Hot Search : 
GILFT C21FF4 UZ5708 MPC74 42NFR10E RRCMCH65 74LVT2 1N5929
Product Description
Full Text Search
 

To Download 2A07G-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2A01G - 2A07G
2.0A GLASS PASSIVATED RECTIFIER Features
* * * *
Glass Passivated Die Construction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 65A Peak Lead Free Finish, RoHS Compliant (Note 3)
A
B
A
C
Mechanical Data
* * * * * * *
Case: DO-15 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Solderable per MIL-STD-202, Method 208 e3 Polarity: Cathode Band Marking: Type Number Weight: 0.4 grams (approximate) DO-15 Dim A B C D Min 25.40 5.50 0.686 2.60
D
Max -- 7.62 0.889 3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage I2 t Rating For Fusing Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 2.0A @ TA = 25C @ TA = 100C
@ TA = 25C unless otherwise specified
Symbol 2A01G 2A02G 2A03G 2A04G 2A05G 2A06G 2A07G VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I2 t CT RqJA Tj, TSTG 50 35 100 70 200 140 400 280 2.0 65 1.1 5.0 200 17.5 40 60 -65 to +175 600 420 800 560 1000 700
Unit V V A A V A A2 s pF C/W C
Notes:
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS29006 Rev. 4 - 2
1 of 3 www.diodes.com
2A01G-2A07G
a Diodes Incorporated
2.5
10
IO, AVERAGE FORWARD RECTIFIED CURRENT (A)
2.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
1.5
1.0
0.1
0.5
0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0 0.4 0.8 1.2 1.6 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
75
100
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
45
CT, TOTAL CAPACITANCE (pF)
10
30
15
8.3ms Single half sine-wave
Tj = 25C f = 1 MHz
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance 100
IR, INSTANTANEOUS REVERSE CURRENT (A)
1000
100
Tj = 150C
10
Tj = 125C
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS29006 Rev. 4 - 2
2 of 3 www.diodes.com
2A01G-2A07G
Ordering Information
Device 2A01G-T 2A02G-T 2A03G-T 2A04G-T 2A05G-T 2A06G-T 2A07G-T
Notes:
(Note 4) Packaging DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 Shipping 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch 4K/Tape & Reel, 13-inch
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS29006 Rev. 4 - 2
3 of 3 www.diodes.com
2A01G-2A07G


▲Up To Search▲   

 
Price & Availability of 2A07G-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X