Part Number Hot Search : 
FA7613CP FM340 RGP40 7815C LC863 AO8816L FM340 RGP40
Product Description
Full Text Search
 

To Download 2812018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UK 4-TG
General data
Basic terminal block with screw connection, for component and fuse connectors, cross section: 0.2 - 4 mm, AWG: 28 - 12, width: 6.2 mm, color: gray
Order number Type
2812018 UK 4-TG
Barcode number Unit pack Customs tariff
4017918076733 50 Pcs. 85369010000
Technical data
General
Number of levels Number of connections Color Insulating material Inflammability class acc. to UL 94 1 2 gray PA V2
Dimensions
Width Length Height NS 35:7,5 Height NS 35:15 Height NS 32 6.2 mm 42.5 mm 47 mm 54.5 mm 52 mm
Phoenix Contact GmbH & Co. KG www.phoenixcontact.com
Page 1/7 Jul 15, 2003
UK 4-TG
Technical data
Maximum load current Rated surge voltage Contamination class Surge voltage category Insulating material group Connection in acc. with standard 16 A (with 4 mm conductor cross section) 6 kV 3 III I IEC/ DIN VDE
Connection data
Min. conductor cross section, rigid Conductor cross section, rigid max. Conductor cross section flexible min. Max. conductor cross section, flexible Min. conductor cross section AWG/kcmil Conductor cross section AWG/kcmil max Min. conductor cross section, flexible, with ferrule with plastic sleeve Conductor cross section flexible, with ferrule without plastic sleeve max. Conductor cross section flexible, with ferrule with plastic sleeve min. Max. conductor cross section, flexible, with ferrule with plastic sleeve 2 conductors with same cross section, solid min. 2 conductors with same cross section, solid max. 2 conductors of the same cross section, flexible, min. 2 conductors with same cross section, flexible max. 2 conductors of the same cross section, flexible, ferrules without plastic sleeve, min. 2 conductors with identical cross section, flexible, ferrules with plastic sleeve, max. 2 conductors of the same cross section, flexible, TWIN ferrules with plastic sleeve, min. 2 conductors with identical cross section, flexible TWIN ferrules with plastic sleeve, max. Stripping length Screw thread Tightening torque 0.2 mm 4 mm 0.2 mm 4 mm 24 12 0.25 mm 2.5 mm 0.25 mm 2.5 mm 0.2 mm 1.5 mm 0.2 mm 1.5 mm 0.25 mm 1.5 mm 0.5 mm 1.5 mm 9 mm M3 0.6 Nm
Phoenix Contact GmbH & Co. KG www.phoenixcontact.com
Page 2/7 Jul 15, 2003
UK 4-TG
Certificates
UL
Comments Nominal voltage UN Nominal current IN AWG/kcmil Comments Nominal voltage UN Nominal current IN AWG/kcmil Comments Nominal voltage UN Nominal current IN AWG/kcmil with ST-T plug 600 V 20 A 28-12 with ST-BE plug 600 V 5A 28-12 with ST-Si-UK 4 plug 300 V 6.3 A 28-12
CSA
Nominal voltage UN Nominal current IN AWG/kcmil 600 V 15 A 28-12
Phoenix Contact GmbH & Co. KG www.phoenixcontact.com
Page 3/7 Jul 15, 2003
UK 4-TG
Drawings
Approval logo
Phoenix Contact GmbH & Co. KG www.phoenixcontact.com
Page 4/7 Jul 15, 2003
UK 4-TG
Accessories
Item Designation Description
Assembly
3003224 3022218 ATP-UK CLIPFIX 35 Separating plate, for visual and electrical separation of terminal groups, width: 1.5 mm, color: Gray Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 mounting rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip marker KLM 2 and KLM, width: 9.5 mm, color: gray Cover, width: 1.8 mm, color: gray End clamp, for supporting the electronic base, if mounted vertically, 2 end clamps are required in each case G-profile DIN rail, material: Steel, perforated, height 15 mm, width 32 mm, length 2 m G-profile DIN rail, material: Steel, unperforated, height 15 mm, width 32 mm, length 2 m G rail 32 mm (NS 32) G-profile DIN rail, material: Copper, unperforated, height 15 mm, width 32 mm, length 2 m G-profile DIN rail, deep-drawn, material: Copper, unperforated, height 15 mm, width 32 mm, length 2 m DIN rail, material: Steel, perforated, height 7.5 mm, width 35 mm, length: 2 m DIN rail, material: Steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m DIN rail, material: Copper, unperforated, height 7.5 mm, width 35 mm, length: 2 m DIN rail, material: Steel, perforated, height 15 mm, width 35 mm, length: 2 m DIN rail, material: Steel, unperforated, height 15 mm, width 35 mm, length: 2 m DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick, material: Aluminum, height 15 mm, width 35 mm, length 2 m DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m
3003020 1201442 1201002 1201015 1201028 1201358 1201280 0801733 0801681 0801762 1201730 1201714 1201798 1201756 1201895
D-UK 4/10 E/UK NS 32 GELOCHT METER NS 32 UNGELOCHT METER NS 32-AL UNGELOCHT METER NS 32-CU/ 35 QMM UNGEL. METER NS 32-CU/120 QMM UNGEL. METER NS 35/ 7,5 GELOCHT METER NS 35/ 7,5 UNGELOCHT METER NS 35/ 7,5-CU UNGELOCHT METER NS 35/15 GELOCHT METER NS 35/15 UNGELOCHT METER NS 35/15-2,3 UNGELOCHT METER NS 35/15-AL UNGELOCHT METER NS 35/15-CU UNGELOCHT METER
Bridges
0201155 0201142 0201139 EB 2- 6 EB 3- 6 EB 10- 6 Insertion bridge, 2-pos., fully insulated Insertion bridge, 3-pos., fully insulated Insertion bridge, 10-pos., divisible, fully insulated
Marking
1007222 1050499 SBS 6:UNBEDRUCKT ZB 6:SO/CMS Marker cards for modular terminal blocks, color: white Zack strip, 10-section, divisible, special printing, marking according to customer requirements
Phoenix Contact GmbH & Co. KG www.phoenixcontact.com
Page 5/7 Jul 15, 2003
UK 4-TG
Tools
1205053 SZS 0,6X3,5 Screwdriver, bladed, matches all screw terminal blocks up to 4.0 mm connection cross section, blade: 0.6 x 3.5 mm, without VDE approval
Phoenix Contact GmbH & Co. KG www.phoenixcontact.com
Page 6/7 Jul 15, 2003
UK 4-TG
Address
Phoenix Contact GmbH & Co. KG Flachsmarktstr. 8 32825 Blomberg Germany Tel + 49 - (0) 52 35 - 3-00 Fax + 49 - (0) 52 35 - 3-4 12 00 www.phoenixcontact.com (c) Phoenix Contact Technical modifications reserved
Phoenix Contact GmbH & Co. KG www.phoenixcontact.com
Page 7/7 Jul 15, 2003


▲Up To Search▲   

 
Price & Availability of 2812018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X