Part Number Hot Search : 
HAT2099H NCE3010 1N4971C 17BZC MC78L AM29SL SXX17 12ZSX
Product Description
Full Text Search
 

To Download 2795S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH FREQUENCY MAGNETICS
Miniature Broadband Surface Mount Transformers
* Minimum interwinding breakdown voltage of 1500 Vrms
TM9922
ELECTRICAL SPECIFICATIONS at 25 C
Turns Ratio 2% Pri : Sec 2795AA 2795E 2795S 2795F 2795A 1:1 1CT : 1 1 : 1.15 1CT : 1.75 1:3 27 27 32 373 423 0.22 0.13 0.15 0.10 0.23 DCR max Pri 0.3 0.4 0.2 0.3 0.1 Sec 0.3 0.2 0.2 0.25 0.2 2.02 19 40 13 19 3 dB Operating Frequency Spectrum typ 0.1 MHz - 100 MHz 0.1 MHz - 100 MHz 0.1 MHz - 100 MHz 0.1 MHz - 100 MHz 0.1 MHz - 100 MHz
Part Number
Primary Inductance1 H min
Leakage Inductance H max
Interwinding Capacitance pF typ
1. Measured at 500 kHz, 0.5 Vac 2. With terminal 6 (shield) grounded 3. Secondary inductance
SCHEMATICS
2795AA
2795A
5
S
4
2 8.3 6
3
4 75
5
1
Secondary
1
Primary
6
2
Secondary
Primary
2795E 2795F
2795S
3 5 2 6
Primary
4
3
2
5
4
1
Secondary
6
Primary
(c)1999 Bel Fuse Inc.
1
Secondary
Specifications subject to change without notice. 06.99
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com T146
HIGH FREQUENCY MAGNETICS
TM9922
Miniature Broadband Surface Mount Transformers
2795AA 2795A 2795E 2795F 2795S
0.186 [4.72]
MECHANICAL
0.240 [6.10] max 6 5 4 A
0.265 [6.73] ref
0.350 [8.90] max
0.073 [1.85] 0.040 [1.02]
0.065 [1.65]
0.057 [1.45]
A Terminal 1 ID 1 0.020 [0.51] 2 3 0.073 [1.85]
0.364 0.234 [9.25] [5.95]
No metallization or solder mask in cross-hatched designated area
0.033 [0.84]
0.265 [6.73] max 0.055 [1.40] 0/8
Suggested PCB Pad Layout
Note: Unless otherwise specified, dimensions are nominal and in inches [millimeters].
0.015 [0.40]
R 0.023 [0.60]
Supplementary Information Operating Temperature Range Safety Agency Compatibility Surge Voltage Capability Metallic Voltage Longitudinal Voltage Flammability Compliance Qualification Compliance Simulation Model Surface-Mount Packaging
Terminal Lead Coplanarity PWB Process Capability
-40 C to +85 C Underwriters Laboratories, Inc. UL 1459 10/700 s; 10 repetitions of alternating polarity 2500 V peak generator output, 25 generator resistance 2500 V peak generator output, 25 generator resistance IEC-695, 2-2 (needle flame test), materials are UL 94 VO approved Bellcore TR-TSY-000357-1(shock, vibration, temperature cycling, temperature-humidity-bias) SPICE computer simulation file available on request Tape and Reel; 16 mm wide by 12 mm pitch; 13 inch OD; 4 inch ID 650 transformers per reel, maximum Meets ANSI/EIA 481-2 Carrier Tape Standards--JEDEC SO package 0.004 inch [0.10 mm] Standard printed-wiring board assembly and cleaning techniques Standard solder reflow techniques Machine placement (recommendation: locate by terminals, not body)
(c)1999 Bel Fuse Inc. Specifications subject to change without notice. 06.99
CORPORATE
Bel Fuse Inc. 198 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite F23, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
T147


▲Up To Search▲   

 
Price & Availability of 2795S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X