Part Number Hot Search : 
TDA56 BP60460 1CGKW A1015GR 2SD1317Q CP3CN23 BT138 BP60460
Product Description
Full Text Search
 

To Download 2779H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH FREQUECY MAGNETICS
T1/E1 Surface Mount Transformer
* Operates at the T1 rate of 1.544 Mbits/s and at the E1 rate of 2.048 Mbits/s Designed for transmit and receive line interface applications Low capacitance design for EMI suppression * * * Dual ratio for both 75 and 120 operation 1500-Volt isolation Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias * * * * Operating temperature range: -40 C to +85 C Meets IEC 695, 2-2 flammability requirements PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning
TM00139
*
ELECTRICAL SPECIFICATIONS AT 25 C
Nominal Turns Ratio 2% Inductance1 mH min DCR
Part Number
max (4-1) 1.1 (5-2) 1.1 (3-8) 0.4
Leakage Inductance 2 H max & min (4-1) 0.70
Interwinding Capacitance3 pF max (4-1) & (5-2) 26 (4-1) & (3-8) 28
(4-1):(5-2) 2779H 1 : 1.07
(4-1):(5-8) 1 : 1.37
(4-1) 1.65
Minimum Interwinding Breakdown Voltage Vrms 1500
1. measured at 10 kHz, 0.1 Vac 2. measured at 100 kHz, 0.10 Vac 3. measured at 1 kHz, 1 Vac
SCHEMATICS
2779H
4
5 2 3
1
8 1 : 1.07 1 : 1.37
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com T1-87
HIGH FREQUECY MAGNETICS
TM00139
T1/E1 Surface Mount Transformer
MECHANICAL
2779H
8
7
6
5
8 TERMINAL 1 IDENTIFIER 1 0.350 (8.89) MAX
0.004
7
6
5
0.256 (6.50) 2 3 4 0.160 (4.06) 0.050 (1.27) 0.100 (2.54) 0.100 1 2 3 4 1 2 3 4
8 EDGES
0.490 (12.45) MAX
0.430 (10.92) MAX
0.500 (12.7) MAX
Unless otherwise specified, dimensions are nominal and in inches (millimeters).
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
CORPORATE
Bel Fuse Inc. 198 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
T1-88


▲Up To Search▲   

 
Price & Availability of 2779H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X