Part Number Hot Search : 
ALN2040 74FCT1 LH28F SRUDH ALN2040 FMBT1015 T493C336 02000
Product Description
Full Text Search
 

To Download 2745H2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Shielded Transformers
TM00125
*
Operate as line-interface pulse transformers in DS1 and CEPT applications Interwinding electrostatic shield for minimum capacitance and maximum EMI suppression
* *
Meets IEC 695, 2-2 flammability requirements PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias
*
* * Operating temperature range: -40 C to +85 C
ELECTRICAL SPECIFICATIONS AT 25 C
Typical Effective Distributed Capacitance pF (3-1) 50 -
Part Number
Nominal Turns Ratio 2%
Inductance 1 mH Min
DCR max
Leakage Inductance2 H max
Interwinding Capacitance pF max
Minimum Interwinding Breakdown Voltage Vrms
(3-1) : (4-6) 2745H2 2745AK2 1 : 1.36 CT 1 : 1.14 CT
(3-1) 1.24 1.25
(3-1) 1.58 0.87
(4-6) 0.50 0.78
(3-1) 3.3 2.0
(3-1) to (4-6)3 10 5 850 1000
1. measured at 10 kHz, 0.1 Vac 2. measured at 100 kHz, 0.1 Vac 3. with 2 grounded
SCHEMATIC
2745H2 2745AK2
3
4 5 CT
1 2 1:N
6
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com T1-55
HIGH FREQUENCY MAGNETICS
TM00125
T1/E1 Through Hole Shielded Transformers
MECHANICAL
2745H2 2745AK2
0.56 (14.22) MAX
0.46 (11.68) MAX
TERMINAL 1 IDENTIFIER 0.35 (8.89) MAX
0.110 (2.79) 0.010 (0.25)
0.023 (0.584) SQ TYP (PHOSPHOR BRONZE, SOLDER COATED) 0.150 (3.81) 1 2 3
0.250 (6.35) 6 5 4
Unless otherwise specified, dimensions are nominal and in inches (millimeters).
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
CORPORATE
Bel Fuse Inc. 198 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
T1-56


▲Up To Search▲   

 
Price & Availability of 2745H2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X