Part Number Hot Search : 
LT1764E 4761A 4761A D15SB100 1N4754 ML120 MA5889 PSSB05P
Product Description
Full Text Search
 

To Download 2741R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Magnetics
TM00113
*
Operates at the T1 rate of 1.544 Mb/s and the E1 rate of 2.048 Mb/s Ideal for T1 repeater applications. Winding (5-1) can be used as a feedback winding Maximum inductance unbalance of each centertapped winding is 0.1%
* *
Operating temperature range: -40 C to +85 C Meets IEC 695, 2-2 flammability requirements PWB Process Capability: standard printed wiring board assembly techniques, total-immersion cleaning Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias
*
*
*
*
ELECTRICAL SPECIFICATIONS AT 25 C
Secondary Inductance1 mH min (4-2) 8.4 (6-8) 1 DCR max (4-2) 2.5 (5-1) 0.8 Secondary Leakage Inductance H min (4-2)1 4.2
Part Number
Turns Ratio 2%
(6-8) : (4-2) 2741R2 1 CT : 3 CT
(6-8) : (5-1) 1 CT : 1
Minimum Interwinding Breakdown Voltage Vrms
850
1. measured at 10 kHz, 0.1 Vac 2. measured at 100 kHz, 0.01 Vac
SCHEMATIC
2741R2
6 CT 7 8
4 3 CT 2 5 1 1 CT : 3 CT : 1
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com T1-33
HIGH FREQUENCY MAGNETICS
TM00113
T1/E1 Through Hole Magnetics
MECHANICAL
2741R2
0.56 (14.22) MAX 0.46 (11.68) MAX
TERMINAL 1 IDENTIFIER
0.35 (8.89) MAX
0.110 (2.79) 0.010 (0.25)
0.100 (2.54)
0.023 (0.584) SQ TYP (PHOSPHOR BRONZE, SOLDER COATED)
1234 0.250 (6.35) 876 5
Unless otherwise specified, dimensions are nominal and in inches (millimeters).
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
CORPORATE
Bel Fuse Inc. 198 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
T1-34


▲Up To Search▲   

 
Price & Availability of 2741R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X