Part Number Hot Search : 
DS751 TFA37 20040 F0512 GMA1505 20040 20040 2N7002KG
Product Description
Full Text Search
 

To Download 2662K2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH FREQUENCY MAGNETICS
T1/E1 Single Through Hole Transformers
* Operate over DS1 rates (1.544 Mbits/s) and CEPT international rates (2.048 Mbits/s) Service the transmit side of the line interface * * Only difference between 2662K and 2662K2 is the terminal length * * Inductance unbalance of center-tapped winding is 0.3%, max Recommended transformer for new through-hole applications is 2745CA2 PWB Process Capability: Standard Printed Wiring Board assembly techniques, total-immersion cleaning Reliability testing: Shock, vibration, temperature cycling, temperature - humidity - bias * * * Operating Temperature Range: -40 to +85 C Meets IEC 695, 2-2 flammability requirements
TM00155
*
ELECTRICAL SPECIFICATIONS AT 25 C
DCR max
Turns Ratio 2% Part Number (1-3):(4-6) 2662K 2662K2 1 : 1.37 CT 1 : 1.37 CT
Inductance H min1
Leakage Inductance2 H max (4-6) 1.4 1.4 1.3 1.3
Effective Distributed Capacitance pF
Primary ET Constant V-s
(1-3) 680 680
(1-3) 1.0 1.0
MInimum Interwinding Breakdown Voltage Vrms
15 15
21 21
500 500
1. measured at 10 kHz, 0.1 Vac 2. measured at 100 kHz, 0.1 Vac
SCHEMATIC
2662K 2662K2
1
4
5 CT
3 1 : 1.37
6
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 08.00
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com T1-27
HIGH FREQUENCY MAGNETICS
TM00155
T1/E1 Single Through Hole Transformers
MECHANICAL
2662K
2662K2
0.36 (9.14) MAX 0.51 (12.95) MAX 0.45 (11.43) MAX 0.155 (3.94)
0.36 (9.14) MAX 0.51 (12.95) MAX 0.45 (11.43) MAX 0.015 (0.38) X 0.025 (0.63) (PHOSPHOR BRONZE, SOLDER COATED)
0.015 (0.38) X 0.025 (0.63) (PHOSPHOR BRONZE, SOLDER COATED) 1 6 0.150 (3.81) TYP 2 5 3 4 0.200 (5.08)
0.110 (2.97)
1 6 0.150 (3.81) TYP
2 5
3 4
0.200 (5.08)
Unless otherwise specified, dimensions are nominal and in inches (millimeters).
(c)2000 Bel Fuse Inc. Specifications subject to change without notice. 08.00
CORPORATE
Bel Fuse Inc. 198 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
T1-28


▲Up To Search▲   

 
Price & Availability of 2662K2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X