Part Number Hot Search : 
PTN1111 TC52425 LWL283 7805S 00BZI HI230205 BT169 37800
Product Description
Full Text Search
 

To Download 2647S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 2640 SERIES
7/8" Diameter Analog Turns Counting Dial
MODEL
2646
2647
2641
Counting Capacity, Maximum Turns For Shaft Diameter For Bushing Diameter Depth: Maximum, From Face of Panel Shaft Extension: Maximum, From Face of Panel Minimum, From Face of Panel Bushing Extension: Maximum, From Face of Panel Locking Mechanism Weight, Nominal Number of Set Screws Numeral Height Knob Material Dial Finish Housing Finish Operating Temperature Range
20 15 1/4" 1/8" 3/8" 1/4" 0.900" 0.82" 0.781" 0.672" 0.628" 0.469" 0.300" 0.270" Positive Action with Detent Positive Action 0.60 oz. 1 2 1 0.050" Black Plastic White Numerals on Black Matte Satin Chrome -55C to +71C
2646S 2647S
Counting Capacity, Maximum Turns For Shaft Diameter For Bushing Diameter Depth: Maximum, From Face of Panel Shaft Extension: Maximum, From Face of Panel Minimum, From Face of Panel Bushing Extension: Maximum, From Face of Panel Locking Mechanism Weight, Nominal Number of Set Screws Numeral Height Knob Material Dial Finish Housing Finish Operating Temperature Range
15 1/4" 3/8" 0.94" 0.781" 0.578" 0.300" Positive Action 0.60 oz. 1 0.050" Black Plastic White Numerals on Black Matte Satin Chrome -55C to +71C 2
3-10
Model 2640 Series
OUTLINE DIMENSIONS (Inch/mm)
Nominal Panel Hole Dimensions Model 2601 2606,2607, 2606S&2607S Dim.A Dim.B .281 7.14 .406 10.3 .281 7.14 .375 9.53
Mounting Surface .90.02 22.90.5
40
2646 2647
Adaptor Plate (if needed)
.496.010 Dia. 12.60.25
.58 Max. 14.7
0 0
.138 3.51 605
20
1
A Dia.
40
60
50
30
Mounting Surface
B +.0005 -.0000 Di a. +0.127 9.525 -0.000 .375 .078 Dia. 1.98
40
.53.02 13.460.51 Dia.
.875.016 22.220.406
Locating* Plate *Model 2641 supplied with locating washer instead of locating plate.
INCH mm
Specifications subject to change without notice.
60
50
3-11
Model 2640 Series
80
70
.94 Max. 23.88 .82 Max. 20.8 on 2601
2641 2646S 2647S
50
9 Min.
3
0
0
90
60
Max. Brake Lever Travel


▲Up To Search▲   

 
Price & Availability of 2647S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X