Part Number Hot Search : 
BUF420AW BF1100R MAX31913 101MC 85HF80R RKZ3B1KD T9G00410 15KPA
Product Description
Full Text Search
 

To Download 25XR10KLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 25
1/4" Square Single Turn Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 2Meg 10% 250 Vdc or rms not to exceed power rating 0.5 at 70C derating to 0 at 125C 1% or 2 Ohm, whichever is greater 210 900Vrms 1,000 Megohms Essentially infinite 1% or 3 Ohm, whichever is greater
Seal Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat
MECHANICAL
85C Fluorinert(R) (No Leaks) 100ppm/C -55C to +125C 5 cycles, -55C to +125C (2% RT, 2% VR) Ten 24 hour cycles (3% RT) 100G's ( 1% RT, 1% VR) 20G's,10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 125C (2% RT, 2% VR) 200 cycles (2 Ohms +3% RT) 1,000 hours at 70C (3% RT, 3% VR) 350C for 3 sec. (1% RT)
Mechanical Stops Stop Strength, Minimum Torque, Maximum Weight, Nominal
Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice.
Solid 6 oz.-in. (500 gr-cm) 3 oz.-in. (200 gr-cm) .01 oz. (0.3 grams)
1-17
Model 25
TOP ADJUSTMENT (Inch/mm)
STANDARD RESISTANCE VALUES, OHMS
10 20 50
100 200 500
1K 2K 5K
10K 20K 50K
100K 200K 500K
1Meg 2Meg
1-18
Model 25
SIDE ADJUSTMENT (Inch/mm)
1
1-19
Model 25
PACKAGING
Standard:
Tubes, all styles, 50 units/tube All units oriented with #1 pin to same side.
Option :
Tape & Reel, Ammo Pack (Available only for 25U and 25V) All units oriented with #3 pin towards direction of feed. Seat Plane to Centerline of Sprocket Hole Width Sprocket Capacity Diameter Tape Fold Box
Tape
Reel Ammo
= = = = = = =
.71" (18 mm) 18 mm Single Hole .50" spacing 750 Units U style, 1000 V style 14" (363 mm) 12" 2.0" x 13.4" x 13.8" (50mm x 340mm x 350mm)
ORDERING INFORMATION
Standard Package Model Series Pin Style
25 P R 10K LF RoHS Compliant Product Code - Optional Resistance Value Resistance Prefix
Optional Packaging Pin Style
25 U R 10K LF XX Packaging Option (25U & 25V) AP = Ammo Pack TR = Tape & Reel RoHS Compliant Product Code - Optional
CIRCUIT DIAGRAM
NOTES
(2) (1) CW (3)
English equivalents are based on 1 inch = 25.4mm and are provided for general information only. Tolerances unless otherwise specified: Linear = 0.3 mm (.01 in.)
INCH mm
1-20
Model 25


▲Up To Search▲   

 
Price & Availability of 25XR10KLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X