|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MODEL 24 4mm Diameter Single Turn Cermet Trimming Potentiometer ELECTRICAL 1 Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum ENVIRONMENTAL 10 to 1Meg 20% (10% available) 200 Vdc or rms not to exceed power rating 0.5 at 70C derating to 0 at 125C 1% or 3 Ohms, whichever is greater 190 500Vrms 1,000 Megohms Essentially infinite 2% or 3 Ohms, whichever is greater Seal Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat MECHANICAL 85C Fluorinert(R) 100ppm/C (<200 ohms = 250ppm/C) -55C to +125C 5 cycles, -55C to +125C (2% RT, 2% VR) Ten 24 hour cycles (3% RT) 100G's (2% RT, 1% VR) 20G's, 10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 125C (2% RT, 1% VR) 200 cycles (5% RT) 1,000 hours at 70C (3% RT) 350C for 3 sec. (1% RT) Mechanical Stops Stop Strength, Minimum Torque, Maximum Weight, Nominal Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice. Solid 3 oz.-in. (200 gr-cm) 2 oz.-in. (150 gr-cm) .01 oz.(0.3 grams) 1-13 Model 24 OUTLINE DIMENSIONS (Inch/mm) Model 24W Top Adjust 58.5 Typical 4 Places .39 .04 10 1.0 .35 .04 9.0 1.0 (1) .08 .01 Dia 2.0 0.3 .19 .01 Dia 4.8 0.3 (3) .11 .014 Dia. x Deep 2.7 0.35 .04 .01 1.0 0.2 (2) .14 .01 3.5 0.3 .19 Max. 4.7 .10 .01 2.5 0.3 Adjustment Slot .02 .03 Wide x Deep 0.5 0.8 Solderable Terminal Leads .02 .004 Dia. 0.5 0.10 Typical 3 Places .07 .01 1.8 0.2 Note: Model 24W dimensions applicable to all other models except as noted. Model 24U Top Adjust .19 Max. 4.7 .39 .04 10 1.0 (1) (2) (3) .31 .04 8.0 1.0 .35 .04 9.0 1.0 .20 .01 5.0 0.3 Model 24S Side Adjust .24 .01 6.0 0.3 .26 .01 6.5 0.3 .20 .04 5.0 1.0 (3) .19 .01 Dia. 4.8 0.3 (2) (1) .008 Max. 0.20 .07 .01 1.8 0.2 .03 .01 0.8 0.3 .14 .01 3.5 0.3 .16 .01 4.1 0.3 .10 .01 2.5 0.3 1-14 Model 24 STANDARD RESISTANCE VALUES, OHMS 100 200 500 PACKAGING 1K 2K 5K 10K 20K 50K 100K 200K 500K 1Meg 2Meg 1 Standard: Boxes Capacity = 100 Units Option: Tape & Reel (24U only) All units oriented with #3 pin toward direction of feed. Seat Plane to Centerline of Sprocket Hole Width Sprocket Capacity Diameter Tape Reel = = = = = .71" (18 mm) 18 mm Single Hole .50" spacing 1,000 Units 14" (363 mm) ORDERING INFORMATION Standard: Model Series Pin Style Resistance Prefix 24 W R 10K LF TR Packaging Option TR = Tape & Reel RoHS Compliant Product Code - Optional Resistance Value CIRCUIT DIAGRAM NOTES English equivalents are based on 1 inch = 25.4mm and are provided for general information only. (2) (1) CW (3) INCH mm Tolerances unless otherwise specified: Linear = 0.3 mm (.01 in.) 1-15 Model 24 |
Price & Availability of 24WR10KLFTR |