Part Number Hot Search : 
MOC8103 06836 LS3250 ACTR433T 04166 T3963240 DTA144E FDD8426H
Product Description
Full Text Search
 

To Download 2415-6272TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 .100 and .100 .100 Pin Strip Header
Straight & Right Angle, Solder Tail
2400 Series
S One and two row versions S Straight and right angle versions S Break to length for faster delivery, lower inventory costs, and faster prototyping S Tapered tip does not cut the socket wipe during insertion, reducing operational failures and repairs S Solder standoffs facilitate wash of flux residue, reducing costly rework S Board pin retention feature available
Date Modified: December 28, 1999
14
TS-0767-03 Sheet 1 of 3
Physical
Insulation Material: Flammability: Color: Contact Material: Plating Underplate: Wiping Area: Solder Tails: Glass Filled Polyester (PBT) UL 94V-0 Gray Copper Alloy 100 [ 2.54 m ] Nickel -- QQ-N-290, Class 2 30 [ 0.76 m ] Gold -- MIL-G-45204, Type II, Grade C 200 [ 5.08 m ] 90/10 Tin Lead -- MIL-P-81728
Electrical
Current Rating: 3 A Insulation Resistance: > 1 x 109 at 500 Vdc Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: -55C to +105C
UL File No.: E68080
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
.100 and .100 .100 Pin Strip Header
Straight & Right Angle, Solder Tail
Straight
C +.020 -.005 (See note 1) .096 [2.44] .04 [1.0] .100 [2.54] .048 [1.22] .048 [1.22]
2400 Series
Pin Quantity One Row 01 02 03 04 05 06 07 08 04 06 08 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 64 66 68 70 72 74 76 78 80 Two Row Dimension C 0.09 [ 2.3] 0.19 [ 4.8] 0.29 [ 7.4] 0.39 [ 9.9] 0.49 [12.4] 0.59 [15.0] 0.69 [17.5] 0.79 [20.1] 0.89 [22.6] 0.99 [25.1] 1.09 [27.7] 1.19 [30.2] 1.29 [32.8] 1.39 [35.3] 1.49 [37.8] 1.59 [40.4] 1.69 [42.9] 1.79 [45.5] 1.89 [48.0] 1.99 [50.5] 2.09 [53.1] 2.19 [55.6] 2.29 [58.2] 2.39 [60.7] 2.49 [63.2] 2.59 [65.8] 2.69 [68.3] 2.79 [70.9] 2.89 [73.4] 2.99 [75.9] 3.09 [78.5] 3.19 [81.0] 3.29 [83.6] 3.39 [86.1] 3.49 [88.6] 3.59 [91.2] 3.69 [93.7] 3.79 [96.3] 3.89 [98.8] 3.98 [101.1]
(R)
(R)
.100 [2.54]
A .008
A .008
09 10 11 12
.100 [2.54] B .010 .04 [1.0] .015 .002 [ 0.38 ] .196 [4.98] R .0075 Ref [ 0.190 ] B .008
13 14 15 16 17 18 19 20
.028 .001 [ 0.71 ]
C +.020 - .005 (See Note 1) .0245 .0005 [ 0.622 ]
21 22 23 24
.035 .003 [0.89] (See Note 2) .100 .003 [2.54] .100 .003 [2.54]
Pin Cross Section
25 26 27 28 29
.035 .003 [0.89 ] (See Note 2)
Inch
[mm] Tolerance Unless Noted
30 31 32 33 34 35 36 37 38 39 40
.100 .003 Typ [ 2.54 ]
.0 Inch
[
.00
.000
.1
.01 .005
Recommended Mounting Hole Pattern
] Dimensions for Reference Only
Notes; 1. This part is molded in the 40 contact quantity version. Parts that require fewer contacts are broken to length. Dimension "C" is measured from a "Molded End" to the "Center of the Break Point" beyond the desired quantity. On Pin Strips, which have break points on both ends, "C" = .100 x contact quantity per row. 2. The recommended PCB hole size for the kinked tail positions on the .112 solder tail connector is .035 .002. Refer to TS-0971 for the number of tails kinked and the position kinked.
Ordering Information
Pin Quantity: (See Table) One Row (01-40) Two Row (04-80) Pin Length (Dim A) 1 = .235 2 = .318
24XX-6XXXTB
Tail (Dim B) One Row 12=.112 Solder Tails 13=.155 Solder Tails 32=.112 Kinked Solder Tails Two Row 22=.112 Solder Tails 23=.155 Solder Tails 72=.112 Kinked Solder Tails TS-0767-03 Sheet 2 of 3
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373
.100 and .100 .100 Pin Strip Header
Straight & Right Angle, Solder Tail
Right Angle
.04 [1.0] C +.020 -.005 (See Note 1)
2400 Series
Pin Quantity One Row 01 Two Row 02 04 06 08 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 64 66 68 70 72 74 76 78 80 Dimension C 0.09 [ 2.3] 0.19 [ 4.8] 0.29 [ 7.4] 0.39 [ 9.9] 0.49 [12.4] 0.59 [15.0] 0.69 [17.5] 0.79 [20.1] 0.89 [22.6] 0.99 [25.1] 1.09 [27.7] 1.19 [30.2] 1.29 [32.8] 1.39 [35.3] 1.49 [37.8] 1.59 [40.4] 1.69 [42.9] 1.79 [45.5] 1.89 [48.0] 1.99 [50.5] 2.09 [53.1] 2.19 [55.6] 2.29 [58.2] 2.39 [60.7] 2.49 [63.2] 2.59 [65.8] 2.69 [68.3] 2.79 [70.9] 2.89 [73.4] 2.99 [75.9] 3.09 [78.5] 3.19 [81.0] 3.29 [83.6] 3.39 [86.1] 3.49 [88.6] 3.59 [91.2] 3.69 [93.7] 3.79 [96.3] 3.89 [98.8] 3.98 [101.1]
.119 [3.02]
(R)
(R)
.045 .002 B .010 [ 1.14 ] .100 [2.54] .071 [1.80]
02 03
R .0075 Ref [0.190]
04 05 06
.0245 .0005 [ 0.622 ]
07
.028 .001 [ 0.71 ]
08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
A .008 .100 [2.54]
Pin Cross Section
.07 [1.8] C +.020 - .005 (See Note 1) .045 .002 [ 1.14 ] .035 .003 [ 0.89 ] ( See Note 2 ) .100 .003 [2.54] .219 [5.56] .100 .003 [2.54] .035 .003 [0.89 ] (See Note 2) .100 .003 Typ [ 2.54 ] .100 [2.54] .071 [1.80] A .008
B .010 .04 [1.0] .100 [2.54]
.100 [2.54]
Recommended Mounting Hole Pattern
27 28 29 30 31 32 33 34 35 36 37 38 39 40
.07 [1.8] .100 [2.54]
Inch
Notes: 1. This part is molded in the 40 contact quantity version. Parts that require fewer contacts are broken to length. Dimension "C'' is measured from a ``Molded End'' to the ``Center of the Break Point'' beyond the desired quantity. On Pin Strips, which have break points on both ends, ``C'' = .100 x contact quantity per row. 2. The recommended PCB hole size for the kinked tail positions on the .112 solder tail connector is .035 .002. Refer to ts-0971 for the number of tails kinked and the position kinked.
[mm]
Tolerance Unless Noted .0 Inch .1 .00 .000 .01 .005
[ ] Dimensions for Reference only
Ordering Information
Pin Quantity: (See Table) One Row (01-40) Two Row (02-80)
24XX-5XXXTB
Pin Length (Dim A) 1 = .235 2 = .318 Tail (Dim B) One Row 12=.112 Solder Tails 13=.155 Solder Tails 32=.112 Kinked Solder Tails Two Row 22=.112 Solder Tails 23=.155 Solder Tails 72=.112 Kinked Solder Tails TS-0767-03 Sheet 3 of 3
3M Interconnect Solutions Division
6801 River Place Blvd. Austin, TX 78726-9000 For technical, sales or ordering information call 800-225-5373


▲Up To Search▲   

 
Price & Availability of 2415-6272TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X