Part Number Hot Search : 
BR305 HSBD238 SZ5226 TA8266HQ 13063 9102D OP798 TIP29C
Product Description
Full Text Search
 

To Download 232263323473 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2322 633 2....
Vishay BCc
NTC Thermistors, Glass Encapsulated Miniature Bead
FEATURES
* Small diameter * Quick response to changes in temperature * Very high long term stability * High temperature operation * Resistant to agressive environments
APPLICATIONS QUICK REFERENCE DATA
PARAMETER Resistance value at 25 C Tolerance on R25-value B25/85-value Tolerance on B25/85-value Maximum dissipation at 55 C Response time; note 1 Operating temperature range: at zero dissipation at maximum dissipation Dielectric withstanding voltage (RMS) between terminals and glass envelope Insulation resistance between terminals and glass envelope at 100 V (DC) Mass Note 1. Response time in silicone oil MS200/50. This is the time needed for the sensor to reach 63.2% of the total temperature difference when subjected to a temperature change from 25 C in air to 85 C in oil. VALUE 1 k to 1 M 5%; 10% 2075 to 4100 K 5% 60 mW 6 s -55 to +200 C 0 to 55 C min. 1500 V min. 100 M
Temperature measurement. Bead thermistor with negative temperature coefficient, in a glass envelope with two tinned durnet (CuNiFe) wires. The device is non-flammable.
MARKING
The thermistors are marked with four coloured dots on the glass envelope; see Component Outline drawing and Electrical Data and Ordering Information table.
MOUNTING
By soldering in any position.
0.1 g
PACKAGING
The thermistors are packed in cardboard boxes; the smallest packaging quantity is 100 units.
ELECTRICAL DATA AND ORDERING INFORMATION
R25 (k) 1 2.2 4.7 10 22 47 100 220 470 1000 Note 1. Dependent upon R25-tolerance, the dot IV is coloured as follows: a) for R25 5%, dot IV is coloured gold; b) for R25 10%, dot IV is coloured silver. 2. R25-values, temperature coefficients, catalog numbers and coding. 3. The thermisters have a 12-digit catalog number starting with 2322 633 2. The subsequent 4 digits indicate the resistance value and tolerance. Document Number: 29064 Revision: 08-May-03 For technical questions contact: nlr.europe@vishay.com www.vishay.com 1 B25/85-VALUE 2075 K 5% 2285 K 5% 2485 K 5% 3750 K 5% 3560 K 5% 3750 K 5% 3900 K 5% 3860 K 5% 3950 K 5% 4100 K 5% TC (%/K) -2.3 -2.6 -2.8 -4.2 -4.0 -4.2 -4.4 -4.3 -4.5 -4.6 CATALOG NUMBER 2322 633 2.... R25 10% R25 5% 3102 2102 3222 2222 3472 2472 3103 2103 3223 2223 3473 2473 3104 2104 3224 2224 3474 2474 3105 2105 COLOUR CODE (see Component outline Drawing and note 1) I brown red yellow brown red yellow brown red yellow brown II black red violet black red violet black red violet black III red red red orange orange orange yellow yellow yellow green
2322 633 2....
Vishay BCc
NTC Thermistors, Glass Encapsulated Miniature Bead
DIMENSIONS in millimeters
Component outline.
0.24
CCB201
20 min.
DERATING
P (%) 100
0 -55 0 55 85 Tamb (C) 200
www.vishay.com 2
For technical questions contact: nlr.europe@vishay.com

12 max. 20 min.
3 max.
Power derating curve.
Document Number: 29064 Revision: 08-May-03


▲Up To Search▲   

 
Price & Availability of 232263323473

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X