Part Number Hot Search : 
DS2890V SB130 2SAA1 26LV400 MBRF2 CSNE371 RT3050 F2UAOR0
Product Description
Full Text Search
 

To Download 231 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INIATURE FUSES MINIATURE FUSES
6.3x32 mm / No. 231 Leadfree
Type, V, Special Type, 500 V, FF
T ime-Current Standard
None None Very Quick Acting (FF)
Specifications
Packaging
002: Pack (100 pcs.) Tube: End Caps: Ceramic Nickel-plated brass
Characteristic
Materials
Approvals
Temperature Operating Temperature Climatic Category Stock Conditions
Features
Dimensions (mm)
Designed for semiconductor protection For high voltage applications High breaking capacity Pluggable into clips or shocksafe holders
-25 C to +70 C (consider de-rating) -25 C/+70 C/21 days (EN 60068-1..3) +10 C to +60 C relative humidity 75 % yearly average, without dew, maximum value for 30 days-95 % 24 cycles at 15 min. each (EN 60068-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration , FF, Current Rating, 500 V, E
Vibration Resistance
6,3 32
Marking Unit Weight
2.5 g (approx.)
Limits for Pre-arcing Time
Rated Current
2.00 A ... 16.00 A
1.0 x IN 1
>1h
1.5 x IN
< 30 min
2.75 x IN
4 x IN
10 x IN
< 3 ms
2 ms ... 100 ms 1 ms ... 25 ms
80% Permissible continuous operating current is 80% at ambient temperature of 23C (73.4F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral Current Code Rating Capacity 1.0 x IN 1.0 x IN 10 x IN max. (mV) max. (W) max. (A2s)
2.00 A 2.50 A 3.15 A 4.00 A 2 5.00 A 2 6.30 A 2 8.00 A 2 10.00 A 2 12.50 A 2 16.00 A 1,2 1200 1250 1315 1400 1500 1630 1800 2100 2125 2160 500 V 500 V 500 V 500 V 500 V 500 V 500 V 500 V 500 V 500 V 800 800 800 700 600 600 600 500 500 480 3.0 3.0 3.0 3.6 3.6 3.6 5.2 5.2 6.3 6.3 0.35 0.44 0.75 1.6 2.5 5 10 20 38 68
Approvals
1000A / 500VAC 50-60Hz cos = 1.0
None
1 16.00 A: 0.9 x I > 1 h N 2 Depending on the application and mounting, the fuse heating at max. ambient temperature in a closed fuseholder should be considered. Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
050916
Qty.
OrderNumber
Series 231
Amp Code
Packaging
Specifications are subject to change without notice WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
INIATURE FUSES MINIATURE FUSES
6.3x32mm / No. 231
I-t Characteristics
(Min-Max Limit)
Time (sec.)
00 0,0 10 0 ,00 10 1,0 00 10 0 10 1 0.1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
I Fault / I Rated
Contact Littelfuse for individual I-t curves
050916
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
WebSite www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 231

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X