Part Number Hot Search : 
VW2X30 FR204 RLZ27C CP604 BZX84C10 200100 LC66358A 2SK11
Product Description
Full Text Search
 

To Download 230225P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Subminiature Glass Body
RoHS
Pb
2AG Slo-Blo
(R)
Fuse 229P/230P Series
UL (R)
(R)
(R)
The 2AG Slo-Blo(R) fuses are available in cartridge form or with axial leads. Axial leaded fuses are board washable. 2AG fuses provide the same performance characteristics as their 3AG counterpart, while occupying one-third the space. Sleeved fuses are available.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% Opening Time 4 hours, Minimum 1 hour, Maximum 3 seconds, Minimum 20 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 3.5 amperes. Recognized under the Components Program of Underwriters Laboratories from 4 through 7 amperes. 1 through 7 amperes approved by METI. AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
10,000 amperes at 125VAC 400 amperes at 125VAC 35 amperes at 250VAC 100 amperes at 250VAC PACKAGING OPTIONS: 230P Series available on Tape and Reel per EIA-296. For 1500 pieces per reel, add packaging suffix DRTIP. See page 8 for pitch dimensions. 229P and 230P series available in bulk packaging. For 1000 pieces bulk, add packaging suffix MXP. 0.25-3.5A 4-7A 0.25-1A 1.25-3.5A
4.5 (.177")
229 000P Series
230 000P Series
0.635 (.025")
4.7 (.184")
14.48 (.57")
14.48 (.57")
38.1 (1.50") TYP.
Axial Lead Material: Tin coated copper.
PHYSCIALSPECIFICATIONS: Materials: Glass Body, Nickel-Plated Brass Fuse Caps(Insulating
sleeve option availabel).
SOLDERING PARAMETERS:
Wave solder- 500F(260C), 3 seconds Max. Reflow solder- Not recommended Average Time Current Curves
1/4A 3/8A 1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 3 1/2A 4A 5A 7A 1000
100
11
AXIAL LEAD AND CARTRIDGE FUSES
0.1 1 10 100 CURRENT IN AMPERES 1000
ORDERING INFORMATION:
Cartridge Catalog Number 229.250P 229.350P 229.375P 229.500P 229.600P 229.750P 229.800P 229 001P 229 1.25P 229 01.5P 229 002P 229 2.25P 229 02.5P 229 003P 229 03.5P 229 004P 229 005P 229 006P 229 007P Axial Lead Catalog Number 230.250P 230.350P 230.375P 230.500P 230.600P 230.750P 230.800P 230 001P 230 1.25P 230 01.5P 230 002P 230 2.25P 230 02.5P 230 003P 230 03.5P 230 004P 230 005P 230 006P 230 007P Ampere Rating 1/4 .350 3/8 1/2 6/10 3/4 8/10 1 11/4 11/2 2 21/4 21/2 3 31/2 4 5 6 7 Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 125 125 125 125
TIME IN SECONDS
Nominal Resistance Cold Ohms 2.41 1.30 0.688 0.477 0.340 0.304 0.145 0.107 0.0692 0.0562 0.0498 0.0380 0.0310 0.0256 0.0185 0.0140 0.0115
Nominal Melting I 2t A2 Sec. 0.216 0.490 0.580 1.16 1.75 2.95 3.45 5.64 9.80 15.0 30.0 39.0 50.0 77.0 110.0 148.0 267.0 380.0 464.0
10
1
0.1
0.01
w w w. l i t t e l f u s e . c o m
399
Axial Lead and Cartridge Fuses
Subminiature Glass Body
RoHS
Pb
2AG Slo-Blo
(R)
Fuse 229P/230P Series
SURGE WITHSTAND SPECIFICATIONS
Our standard 229P and 230P Series Slo-Blo(R) fuses meet the demanding requirements of the Telecom industry. These Fuses combine conventional overcurrent protection with the ability to withstand high current, short duration pulses. These fuses comply with the short circuit requirements of UL 1459 for telephone equipment. Insulating Sleeve Option available. We have characterized these fuses for the Telecom industry requirements as shown below.
INDICATING SLO-BLO(R) FUSE
The 2AG Indicating Slo-Blo(R) fuse instantly identifies itself upon opening by showing a discoloration of its glass body. Guesswork and time consuming circuit testing are eliminated. This unique design offers the same quality performance characteristics as the standard 2AG fuse design.
ELECTRICAL CHARACTERISTICS: Short Circuit Capabilities:
UL 60950 (UL 1459 Included): 60A, 40A, 7A, 2.2A, 600VAC 600VAC 600VAC 600VAC
* Meets UL 497 Specifications
PEAK WITHSTAND CURRENT (lp): These fuses will withstand 50
repetitions of a double exponential impulse wave having peak currents (lp) and peak voltages as listed. Cartridge Catalog Number 229.250P 229.350P 229.375P 229.500P 229.600P 229.750P 229.800P 229 001P 229 1.25P
1 500A
Axial Lead 10 x 160 Catalog Ampere microsec. Number Rating 1500V 230.250P 1/4 23.0A 230.350P .350 34.0A 230.375P 3/8 40.0A 230.500P 1/2 60.0A 230.600P 6/10 71.0A 230.750P 3/4 91.0A 230.800P 8/10 104.0A 230 001P 1 130.0A 11 230 1.25P 1 /4 162.0A
10 x 560 microsec. 800V 16.6A 25.8A 25.4A 37.7A 47.2A 65.5A 68.9A 88.6A 118.1A
10 x 1000 microsec. 1000V 12.4A 19.3A 19.0A 28.2A 35.3A 49.0A 51.6A 66.3A 100.0A
* When ordering the 2AG Indicating Slo-Blo Fuse, an `S' is required after the catalog number.
Example: -1A Indicating Slo-Blo(R) Fuse = 230 001S
peak, 2500V, 2 x 10 microseconds, 20 repetitions.
2AG 229 P/230P Series General Specifications
ENVIRONMENTAL SPECIFICATIONS: Operating Temperature: -55C to 125C. Shock: MIL-STD-202, Method 213, Test Condition I
(100 G's peak for 6 milliseconds). Vibration: MIL-STD-202, Method 201 (10-55 Hz, 0.06 inches total excursion). Salt Spray: MIL-STD-202 Method 101, Test Condition B (48 hours). Insulation Resistance (After Opening): MIL-STD-202, Method 302, Test Condition B. Resistance to Soldering Heat: (Axial Leaded Fuses): MIL-STD-202, Method 210A, Test Condition B (260C, 3 Seconds). Thermal Shock: MIL-STD-202, Method 107, Test Condition B (-65C to 125C). Moisture Resistance: MIL-STD-202, Method 106 (90-98% RH, 65C). Solderability: (Axial Leaded Fuses): MIL-STD-202, Method 208.
PHYSICAL SPECIFICATIONS: Materials: Glass Body, Nickel-Plated Brass Fuse Caps.
(Insulating sleeve option available).
SOLDERING PARAMETERS:
Wave solder -- 500F (260C), 3 seconds Max. Reflow solder -- Not recommended.
400
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 230225P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X