Part Number Hot Search : 
LC66516B AN7025 MBM29 2SC42 EL7513 GP1A91LC MC14079 82FKE36
Product Description
Full Text Search
 

To Download 2075A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2075/2075A
FIXED HIGH B.W. DELAY LINE TR < 1ns (SERIES 2075 & 2075A)
FEATURES
* * * * * * * Microstrip Technology Fast rise time for high frequency applications Fixed delays available from 300ps to 6ns Mechanically variable delay available (2075A) I/O reversible BNC female connectors Meets or exceeds MIL-D-23859C
IN
data 3 (R) delay devices, inc.
PACKAGES
OUT
2075-xx xx = Delay (TD) 2075A
IN
OUT
FUNCTIONAL DESCRIPTION
PIN DESCRIPTIONS
The 2075- and 2075A-series devices are single-input, single-output, IN Signal Input (BNC) passive delay lines. For the 2075, the signal input (IN) is reproduced at the OUT Signal Output (BNC) output (OUT), shifted by a time (TD) given by the device dash number. The rise time (TR) of the lines is no more than 1ns, resulting in a 3dB bandwidth of at least 350MHz. For the 2075A, the delay is mechanically variable from 3ns to 7ns and the bandwidth is 6MHz. The characteristic impedance of both lines is nominally 75 ohms.
SERIES SPECIFICATIONS
* * * * * *
IN Dielectric GND GND
2% or 20ps >350MHz (2075) 6MHz (2075A) Ripple in pass-band: Approx. 0.2dB Dielectric breakdown: >500 Vdc Operating temperature: -65C to +125C Temperature coefficient: <100 PPM/C
Serpentine OUT
Tolerance: Bandwidth (2075):
DASH NUMBER SPECIFICATIONS
Part Number 2075-300 2075-500 2075-1000 2075-2000 2075-3000 2075-4000 2075-5000 2075-6000 2075A Delay (ps) 300 20 500 20 1000 20 2000 40 3000 60 4000 80 5000 100 6000 120 3-7ns Imped. () 75 75 75 75 75 75 75 75 75
Functional Diagram (2075)
1.05 MAX.
Adjustment screw (2075A only)
2.00 MAX.
.680 MAX.
Package Dimensions
(c) 2001 Data Delay Devices
Doc #01010
11/2/01
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
2075/2075A
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT: Ambient Temperature: Source Amplitude: Source Impedance: Input Frequency: 25 C 3 C 0dBm typical 75 nominal 27.777778MHz
o o
OUTPUT: Zload:
75 nominal
Network analyzer is used in phase measurement mode, normalized with a calibrated BNC jumper between input and output signals. Delay is related to phase lag with proportionality constant of 100ps/deg. NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT IN R IN A NETWORK ANALYZER (HP 3577A) IN B
RF 50-Ohm Coax 50-Ohm Coax
50-OHM SIGNAL DIVIDER OUT R (HP 35676 -66301) IN OUT A OUT B 50-Ohm Coax
IMPEDANCE MATCHING NETWORKS 50 GND 75 GND IN GND DEVICE UNDER TEST OUT GND
50-Ohm Coax
50 GND
75 GND
Test Setup
Doc #01010
11/2/01
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2


▲Up To Search▲   

 
Price & Availability of 2075A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X