Part Number Hot Search : 
2SC5856 W134MSQC 84C30 ICX249AL 9C512 68200 274J100 FHR020
Product Description
Full Text Search
 

To Download 203025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Fuses
Subminiature Surface Mount & Dip Types
FLAT-PAK(R) Slo-Blo(R) Fuse 203 Series
* For new designs please use the 465 Series, NANO2(R) 250V UMF Fuse. Fast-Acting and Slo-Blo(R) Fuse versions of the Flat-Pak Fuse designs are available. Both designs are available in either a gull-wing surface mount package or a DIP configuration for through-hole mounting. These fuse designs feature a 250 VAC rating in a low profile, rectangular package.
(R)
(R)
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 200% Opening Time 4 hours, Minimum 1 second, Minimum 30 seconds, Maximum
Reference Dimensions:
202 FLAT- PAK 202GFLAT- PAK
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
F L
F 2A 250 V 9.45 (.372")
F L
6.35 (.250") 4.19 (.165")
F 2A 250 V 9.45 (.372")
PAT 4563666
PAT 4563666
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATING:
50 amperes at 250 VAC.
6.35 (.250") 4.19 (.165")
ENVIRONMENTAL SPECIFICATION: Operating Temperature: -55C to 125C. PHYSICAL SPECIFICATIONS: Materials: Body: Thermoplastic
Terminations: Tin/Lead Plated Copper
.135"
0.08 (.003") 1.40 (.055") 10.16 (.400") 0.30 (.012") 0.53 (.021") 15.24 (.600")
1.52 (.060")
6
o
DIP Configuration (Thru-Hole) Mounting
SMF Configuration ("Gull Wing" Surface Mount)
17.12 (.674) 4.06 (.160) 2.79 (.110) 11.53 (.454)
Soldering Parameters:
Wave Solder -- 260C, 3 seconds maximum. Reflow Solder -- 215C, 30 seconds maximum. Solderability: MIL-STD-202, Method 208. Cleaning: Board washable in most common solvents.
Recommended Pad Layout
Average Time Current Curves
1/2A 3/4A 1A 1 1/2A 2A 2 1/2A 3A 4A 5A 1/4A
10
SURFACE MOUNT FUSES
1000 385
PACKAGING SPECIFICATIONS:
SMF Fuses -- 24mm Tape and Reel per EIA-RS481-2 (IEC 286, part 3); 500 per reel. DIP Fuses -- Antistatic magazine, 100 per magazine.
100
PATENTED ORDERING INFORMATION
Catalog Number 203.250 203.500 203.750 203 001 203 01.5 203 002 203 02.5 203 003 203 004 203 005
1
10
Catalog1 Number 203.250G 203.500G 203.750G 203 001G 203 01.5G 203 002G 203 02.5G 203 003G 203 004G 203 005G
Ampere Rating 1/4 1/2 3/4 1 11/2 2 21/2 3 4 5
Voltage Rating 250 250 250 250 250 250 250 250 250 250
Nominal Resistance Cold Ohms 1.36 0.433 0.158 0.0755 0.0390 0.0345 0.0237 0.0197 0.0148 0.0124
Nominal Melting I 2t A2 Sec. 0.0126 0.112 0.327 0.328 0.850 1.70 2.87 4.40 8.75 14.7
TIME IN SECONDS
1
.1
SMF fuse marking includes the letter "G" next to the series number indicating "Gull-Wing".
0.01
0.001 0.05 0.1
1
10 100 CURRENT IN AMPERES
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 203025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X