Part Number Hot Search : 
2SC2826 2SC2826 2SC2826 P8203T 2SJ116 28C256 28C256 SKY65
Product Description
Full Text Search
 

To Download 200HFR80PV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2020 rev. A 07/94
200HF(R) SERIES
STANDARD RECOVERY DIODES Stud Version
Features
High current carrying capability High surge current capability Types up to 1200V V RRM Stud cathode and stud anode version Standard JEDEC types Diffused junction
200 A
Typical Applications
Battery chargers Converters Power supplies Machine tool controls
Major Ratings and Characteristics
Parameters
I F(AV) @ TC I F(RMS) I FSM @ 50Hz @ 60Hz I 2t @ 50Hz @ 60Hz VRRM range TJ
200HF(R)
200 125 314 4400 4610 97 88 400 to 1200 -40 to 180
Units
A C A A A KA2s KA2s V C
case style DO-205AC (DO-30)
www.irf.com
1
200HF(R) Series
Bulletin I2020 rev. A 07/94
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
40 200HF(R) 80 120
V RRM , maximum repetitive peak reverse voltage V
400 800 1200
VRSM , maximum nonrepetitive peak rev. voltage V
500 900 1300
IRRM max.
@ 180C
mA
15
Forward Conduction
Parameter
IF(AV) Max. average forward current @ Case temperature IF(RMS) Max. RMS forward current IFSM Max. peak, one-cycle forward, non-repetitive surge current
200HF(R)
200 125 314 4400 4610 3700 3870
Units Conditions
A C A DC @ 120C case temperature t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max 180 conduction, half sine wave
I 2t
Maximum I2t for fusing
97 88 68 62
I 2 t
Maximum I2t for fusing
968 0.85
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 VFM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 1.04 (I > x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.59 1.45 V (I > x IF(AV)), TJ = TJ max. Ipk= 628A, TJ = 25 C
0.85
2
www.irf.com
200HF(R) Series
Bulletin I2020 rev. A 07/94
Thermal and Mechanical Specification
Parameter
TJ Tstg Max. operating temperature range Max. storage temperature range
200HF(R)
-40 to 180 -55 to 180 0.17 0.08 11 10
Units
C
Conditions
RthJC Max. thermal resistance, junction to case RthCS Max. thermal resistance, case to heatsink T Max. allowed mounting torque +0 -20%
K/W
DC operation Mounting surface, smooth, flat and greased
Nm g
Not lubricated threads Lubricated threads
wt
Approximate weight Case style
120
DO-205AC(DO-30)
See Outline Table
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.045 0.056 0.073 0.102 0.154
Rectangular conduction Units
0.037 0.061 0.079 0.105 0.156 K/W
Conditions
T J = TJ max.
Ordering Information Table
Device Code
200 HF
1 1 2 3 Essential Part Number Diode 2
R
3
120
4
P
5
B
6
V
7
None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud)
4 5
-
Voltage code: Code x 10 = VRRM (See Voltage Ratings table) P = Stud base DO-205AC(DO-30) 1/2" 20UNF-2A M= Stud base DO-205AC(DO-30) M12x1.75
6
-
B = Flag top terminals (for Cathode/ Anode Leads) S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead
7
-
V = Glass-metal seal
www.irf.com
3
200HF(R) Series
Bulletin I2020 rev. A 07/94
Outline Table
GLASS-METAL SEAL
16.5 (0.65) MAX. 6.5 (0.26) MIN. 35 (1.38) MAX. C.S. 16mm (0.015 s.i.) 2 SW 27 2.6 (0.10) MAX.
DIA. 8.5 (0.33) NOM. 157 (6.18) 170 (6.69)
55 (2.16) MIN.
DIA. 23.5 (0.93) MAX.
24 (0.94) MAX.
12.5 ( 0.49) MAX.
21 (0.82) MAX.
Conforms to JEDEC DO-205AC (DO-30)
All dimensions in millimeters (inches)
1/2"-20UNF-2A*
* FOR METRIC DEVICE: M12 X 1.75
GLASS-METAL SEAL
16.5 (0.65)
5.6 (0.22) DIA. 5.54 (0.22) 9.5 (0.37) DIA. 23.5 (0.93) MAX. 36.5 (1.44) 1/2"-20UNF-2A* 2.4 (0.09) 24 (0.94) MAX. 21 (0.82) MAX. 27 (1.06) 12.5 (0.49) MAX.
DO-205AC (DO-30) Flag
All dimensions in millimeters (inches)
4
41 (1.61) MA X.
*FOR METRIC DEVICE. M12 X 1.75
www.irf.com
200HF(R) Series
Bulletin I2020 rev. A 07/94
Maximum Allowable Case Temperature (C) 200HF(R) Series R thJC (DC) = 0.17 K/W
Maximum Allowable Case Temperature (C)
180 170 160
180 170 160 150 140 130
200HF(R) Series R thJC (DC) = 0.17 K/W
Conduction Angle
Conduction Period
150 140 130 120 0 25 50 75 100 125 150 175 200 225 Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
30
60 90 120 180
90 120 30 110 0 50 100 150 200 250 300 350 Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
60
120 180 DC
Maximum Average Forward Power Loss (W)
300 250 200
150
180 120 90 60 30 RMS Limit
0.2
3 0. K/ W
R thSA
4 0. K/ W
W K/
0.
0. 6
K .1 =0
5
K/
W
/W
K/ W
a elt -D
0. 8
1K
R
K/ W
/W
100
50
1 .5
Conduction Angle
K/W
2.5 K /W
200HF(R) Series T J = 180C
0
4 K/W
0
20 40 60 80 100 120 140 160 180 200 20 0
40
60 80 100 120 140 160 180
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 3 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
400 350 300 250
200
DC 180 120 90 60 30
2 0. W K/
K/ W 0.3
R th
SA
= 0.1 W K/
0.
0 .5
4K /W
-D a elt
0.6
K/ W
R
K/ W
150 RMS Limit
Conduction Period
0.8 K/ W 1K /W
1 .5 K /W
W
100 50 0
0 50 100 150 200 250 300
200HF(R) Series TJ = 180C
2.5 K/
4 K/W
350 20 0
40 60
80 100 120 140 160 180
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 4 - Forward Power Loss Characteristics
www.irf.com
5
200HF(R) Series
Bulletin I2020 rev. A 07/94
Peak Half Sine Wave Forward Current (A) 4000 3500 3000 2500 2000 1500 1000 1 10 100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated VRRMApplied Following Surge. Initial TJ = 180C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
4500 4000 3500 3000 2500 2000 1500
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = 180C No Voltage Reapplied Rated VRRM Reapplied
200HF(R) Series
200HF(R) Series 1000 0.01 0.1 Pulse Train Duration (s)
Fig. 6 - Maximum Non-Repetitive Surge Current
1
Fig. 5 - Maximum Non-Repetitive Surge Current
10000 Instantaneous Forward Current (A)
1000
TJ = 25C 100 TJ = 180C
200HF(R) Series 10 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Instantaneous Forward Voltage (V)
Fig. 7 - Forward Voltage Drop Characteristics
1
Transient Thermal Impedance Z thJC (K/W)
Steady State Value: R thJC = 0.17 K/W (DC Operation) 0.1
200HF(R) Series
0.01 0. 001
0.01
0.1 Square Wave Pulse Duration (s)
1
10
Fig. 8 - Thermal Impedance ZthJC Characteristics
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 200HFR80PV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X