Part Number Hot Search : 
MAX970 C10H1 QRB1134 CGY2105 IM43JR 1A470M OPI153 BY179
Product Description
Full Text Search
 

To Download 1SS355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS355
Diodes
Switching diode
1SS355
Applications High speed switching External dimensions (Unit : mm)
1.250.1 0.10.1 0.05
Land size figure (Unit : mm)
0.9MIN.
1.70.1
2.50.2
Features 1) Ultra small mold type.(UMD2) 2) High reliability.
0.8MIN.
Construction Silicon epitaxial planar
0.30.05 0.70.2 0.1
UMD2
Structure
ROHM : UMD2 JEDEC : S0D-323 JEITA : SC-90/A dot (year week factory)
Taping specification (Unit : mm)
4.00.1 2.00.05 1.550.05 1.750.1 0.30.1
3.50.05
8.00.2
1.400.1
4.00.1
1.05 1.00.1
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Forward current Average rectified forward current Surge current t=1s Junction temperature Storage temperature Symbol VRM VR IFM Io Isurge Tj Tstg Limits 90 80 225 100 500 150 -55 to +150 Unit V V mA mA mA
Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR Ct trr Min. Typ. Max. 1.2 0.1 3 4 Unit V A pF ns Conditions IF=100mA VR=80V VR=0.5V , f=1MHz VR=6V , IF=10mA , RL=100
2.75
Rev.A
2.80.1
2.1
1/3
1SS355
Diodes
Electrical characteristic curves (Ta=25C)
100 10 Ta=125 Ta=125 10 1 0.1 0.01 0.001 10 f=1MHz
FORWARD CURRENT:IF(mA)
REVERSE CURRENT:IR(uA)
Ta=75 Ta=25 Ta=-25
Ta=75 Ta=25
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1
1
Ta=-25
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
0.0001 0 20 40 60 80 100 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 120
0.1 0 10 20 30 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
950
100
1 Ta=25 VR=80V n=30pcs 0.99 0.98 0.97 0.96 0.95 0.94 0.93 0.92 0.91 0.9 AVE:0.961pF Ta=25 VR=0.5V f=1MHz n=10pcs
FORWARD VOLTAGE:VF(mA)
REVERSE CURRENT:IR(nA)
70 60 50 40 30 20 10
930
920 910 900 VF DISPERSION MAP
AVE:922.4mV
AVE:31.7nA
0
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
940
Ta=25 IF=100mA n=30pcs
90 80
IF(mA)
IR DISPERSION MAP
Ct DISPERSION MAP
20
3
20
RESERVE RECOVERY TIME:trr(ns)
PEAK SURGE FORWARD CURRENT:IFSM(A)
2.5 2 1.5 1 0.5 0 AVE:1.3ns
PEAK SURGE FORWARD CURRENT:IFSM(A)
Ifsm 15
1cyc 8.3ms
Ta=25 VR=6V IF=10mA RL=100
Ifsm 15 8.3ms 8.3ms 1cyc
10
10
5
AVE:13.6A
5
0 IFSM DISRESION MAP
0 trr DISPERSION MAP 0.1 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
100 Ifsm t
1000
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
Rth(j-a)
0.001
PEAK SURGE FORWARD CURRENT:IFSM(A)
100
Rth(j-c)
Mounted on epoxy board
10
REVERSE POWER DISSIPATION:PR (W)
0.0005 DC Sin(180)
D=1/2
10
IM=1mA
IF=10mA
1ms
time
300us
1 0.1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 1 100
1 0.001
0 0.01 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS 0.1 1000 0 20 40 60 80 100 REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS 120
Rev.A
2/3
1SS355
Diodes
0.20 DC
AVERAGE RECTIFIED FORWARD CURRENT:Io(A) AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
0.20 DC
ELECTROSTATIC DISCHARGE TEST ESD(KV)
20
0.15
D=1/2
0.15 D=1/2 0.10 0A 0V t 0.00 T 0 Io VR D=t/T VR=40V Tj=125 125 Sin(180)
15 AVE:9.4kV 10
0.10 Sin(180) 0.05 0A 0V Io VR t D=t/T VR=40V T Tj=125 25 50 75 100 AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta)
0.05
5
AVE:2.4kV
0.00 0
0
125
25 50 75 100 CASE TEMPARATURE:Tc() Derating Curve(Io-Tc)
C=100pF R=1.5k
C=200pF R=0
ESD DISPERSION MAP
Rev.A
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 1SS355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X