Part Number Hot Search : 
KP7010 S5KC20R ES51988 RF331506 EL5181 M54HC 25X16A TN254007
Product Description
Full Text Search
 

To Download 1SR156-400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SR156-400
Diodes
Rectifier diode
1SR156-400
Applications For fast rectifier External dimensions (Unit : mm) Land size figure (Unit : mm)
2.0
2.60.2
Features 1) Small power mold type. (PMDS) 2) High reliability. 3) High switching speed.
2.0
0.10.02 0.1
5.00.3
2
4
4.50.2
1.20.3
1.50.2
2.00.2
PMDS
Construction Silicon diffused junction
ROHM : PMDS JEDEC : SOD-106 Manufacture Date
Structure
Taping dimensions (Unit : mm)
4.00.1 2.00.05 1.550.05 1.750.1 0.3
5.50.05
1.55 2.90.1 4.00.1 2.8MAX
Absolute maximum ratings (Ta=25C) Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current (*1) Forward current surge peak 60Hz1cyc Junction temperature Storage temperature
Symbol VRMS VR Io IFSM Tj Tstg
Limits 500 400 1 20 150 -55 to +150
5.30.1 0.05 9.50.1
Unit V V A A
(*1) Mounting on alumina board
Electrical characteristics (Ta=25C) Parameter Symbol
Forward voltage Reverse current Reverse recovery time
VF IR
Min. -
Typ. -
Max. 1.3 10 0.4
Unit V uA us
Conditions IF=0.8A VR=400V IF=10mA,IR=10mA,Irr=1mA
trr
Rev.A
120.2
4.2
1/3
1SR156-400
Diodes
Electrical characteristic curves (Ta=25C)
1000
Ta=75
1000000 Ta=150 100000
REVERSE CURRENT:IR(nA)
Ta=25
100 Ta=125
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
f=1MHz
FORWARD CURRENT:IF(mA)
Ta=125
100
Ta=150
10000 Ta=75 1000 Ta=25 100 Ta=-25 10 1 0 100 200 300 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
10
Ta=-25
10
1
1 0 200 400 600 800 1000 1200 FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
0.1 400 0 5 10 15 20 25 30 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
1050
FORWARD VOLTAGE:VF(mV) REVERSE CURRENT:IR(nA)
1000 Ta=25 IF=0.8A n=30pcs 900 800 700 600 500 400 300 200 100 AVE:97.5nA Ta=25 VR=400V n=30pcs
45 40
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1040 1030 1020 1010 1000 AVE:1020.5mV
35 30 25 20 15 10 5 0 AVE:38.3pF
Ta=25 f=1MHz VR=0V n=10pcs
0 VF DISPERSION MAP IR DISPERSION MAP
Ct DISPERSION MAP
150
RESERVE RECOVERY TIME:trr(ns) PEAK SURGE FORWARD CURRENT:IFSM(A)
240
PEAK SURGE FORWARD CURRENT:IFSM(A)
50 Ta=25 IF=10mA IR=10mA Irr=0.10*IR n=10pcs Ifsm 40 8.3ms 8.3ms 1cyc
Ifsm 100
1cyc 8.3ms
230 220 210 200 190 180 170 160 trr DISPERSION MAP AVE:200.7ns
30
AVE:34.0A 50
20
10
0 IFSM DISRESION MAP
0 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
100
PEAK SURGE FORWARD CURRENT:IFSM(A)
1000
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
Mounted on epoxy board IM=1mA IF=0.5A
3 2.5
FORWARD POWER DISSIPATION:Pf(W)
80
Ifsm t
Rth(j-a) 100
1ms tim 300us
D=1/2 2 Sin(180) 1.5 1 0.5
DC
60
10
Rth(j-c)
40
20
1
0 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
0.1 0.001
0 0.1 10 TIME:t(s) Rth-t CHARACTERISTICS 1000 0 1 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS 2
Rev.A
2/3
1SR156-400
Diodes
0.1
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
3
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
3 0A 0V Io t VR D=t/T VR=200V T Tj=150 2.5 2 DC 1.5 1 Sin(180) 0.5 0 0 25 50 75 100 125 150 0 25 50 75 100 125 150 CASE TEMPARATURE:Tc() Derating Curve(Io-Tc) D=1/2 0A 0V Io t VR D=t/T VR=200V T Tj=150
0.08
REVERSE POWER DISSIPATION:PR (W)
2.5 2 DC 1.5 1 0.5 0
Sin(180) 0.06 D=1/2 0.04 DC 0.02
D=1/2
Sin(180)
0 0 100 200 300 REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS 400
AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta)
30 25 20 15 10 5 0 C=200pF R=0 C=100pF R=1.5k AVE:14.6kV No break at 30kV
ELECTROSTATIC DISCHARGE TEST ESD(KV)
ESD DISPERSION MAP
Rev.A
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 1SR156-400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X