Part Number Hot Search : 
PE3339EK D1425 D4812 A208024 SSF2783 MC35062 M2013TNA 8ETVRA
Product Description
Full Text Search
 

To Download 1SR139-400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SR139-400
Diodes
Rectifier diode
1SR139-400
Applications High speed rectification External dimensions (Unit : mm)
CATHODEBAND (GREEN) 0.60.1
Features 1) Cylindrical mold. (MSR) 2) High reliability. 3) Fast recovery speed.
291
3.00.2
4
291 2.50.2
ROHM : MSR Manufacture Date
Construction Silicon diffused junction
Taping specifications (Unit : mm)
IVORY H2 BLUE A E H2 Mark
Standard dimension (mm) value (mm)
B
C
T-31 52.41.5 T-32 26.0+0.4 -0 5.00.5 0.5 0 50.40.4 0.3 H1 6.00.5 H2 5.00.5 L1-L2 0.6 H1(6mm)BROWN
L1 H1 F
L2 H1 D
)201.5mm cf : cumulativ e pitch tolerance with 20 pitch than 1.5mm
Absolute maximum ratings (Ta=25C)
Parameter Absolute peak reverse voltage Reverse voltage (repetitive peak) Average rectified forward current (*1) Forward current surge peak (60Hz1cyc) Junction temperature Storage temperature (*1) Mounting on alumina board Symbol VRMS VR Io IFSM Tj Tstg Limits 500 400 1 40 150 -40 to +150 Unit V V A A
Electrical characteristics (Ta=25C)
Parameter Forward voltage Reverse current Symbol VF IR Min. Typ. Max. 1.1 10 Unit V uA Conditions IF=1.0A VR=400V
Rev.A
1/3
1SR139-400
Diodes
Electrical characteristic curves (Ta=25C)
1 Ta=75
REVERSE CURRENT:IR(nA) FORWARD CURRENT:IF(A)
100000 Ta=125 Ta=25 10000 1000 100 10 1 0.1 0 200 400 600 800 1000 1200 0
FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS
Ta=150
100 Ta=125
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
f=1MHz
0.1
Ta=150 Ta=-25
Ta=75 Ta=25 Ta=-25
10
0.01
0.001
1 100 200 300 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 400 0 5 10 15 20 25 30
REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
970
FORWARD VOLTAGE:VF(mV) REVERSE CURRENT:IR(nA)
500
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
Ta=25 IF=1A n=30pcs
50
Ta=25 VR=400V n=30pcs
450 400 350 300 250 200 150 100 50 0
AVE:28.27nA
45 40 35 30 25 20 15 10 5 0
AVE:22.8pF
960 950 940 930 920
AVE:932.2mV
Ta=25 f=1MHz VR=0V n=10pcs
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
150
RESERVE RECOVERY TIME:trr(us) PEAK SURGE FORWARD CURRENT:IFSM(A)
3
PEAK SURGE FORWARD CURRENT:IFSM(A)
2.5 2 1.5 AVE:1.597us 1 0.5 0
Ifsm
1cyc 8.3ms
100
Ta=25 IF=0.5A IR=1A Irr=0.25*IR n=10pcs
100 Ifsm 8.3ms 8.3ms 1cy 50
50 AVE:43.0A 0
IFSM DISRESION MAP
0 trr DISPERSION MAP 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100
100
10000
Ifsm t
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
Mounted on epoxy board IF=0.5A IM=1mA
2
PEAK SURGE FORWARD CURRENT:IFSM(A)
FORWARD POWER DISSIPATION:Pf(W)
1000
time(ms)
DC D=1/2 Sin(180) 1
Rth(j-a)
50
100
td=300us
Rth(j-l) 10 Rth(j-c)
0 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
1 0.001
0 0.1 10 TIME:t(s) Rth-t CHARACTERISTICS 1000 0 1 AVERAGE RECTIFIED FORWARD CURRENTIo(A) Io-Pf CHARACTERISTICS 2
Rev.A
2/3
1SR139-400
Diodes
0.02 3 2.5 2 DC 1.5 1 0.5 0 0 100 200 300 REVERSE VOLTAGE:VR(V) VR-PR CHARACTERISTICS 400 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Derating Curve(Io-Ta) Sin(180) D=1/2 0A 0V Io
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
3
VR D=t/T VR=200V T Tj=150
AVERAGE RECTIFIED FORWARD CURRENT:Io(A)
2.5 2 1.5 1
Sin(180)
0A 0V
Io t VR D=t/T VR=200V T Tj=150
t
REVERSE POWER DISSIPATION:PR (W)
DC 0.01 Sin(180) D=1/2
DC D=1/2
0.5 0 0 25 50 75 100 125 150
CASE TEMPARATURE:Tc() Derating Curve(Io-Tc)
0
30
ELECTROSTATIC DISCHARGE TEST ESD(KV)
25 AVE:18.6V 20 15 10 5 0 C=200pF R=0 C=100pF R=1.5k AVE:5.00kV
ESD DISPERSION MAP
Rev.A
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 1SR139-400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X