Part Number Hot Search : 
10SB4M 22001 10SB4M H5PS1G83 XW130 240U80DR TRMPB SB860
Product Description
Full Text Search
 

To Download 1N945B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N941B, 1N943B, 1N944B AND 1N945B AVAILABLE IN JAN, JANTX PER MIL-PRF-19500/157 PER MIL-PRF-19500/157 * 11.7 VOLT NOMINAL ZENER VOLTAGE
AND JANTXV
1N941 thru 1N945B and 1N941B-1 thru 1N945B-1
* 1N941B-1, 1N943B-1, 1N944B-1 AND 1N945B-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS
* TEMPERATURE COMPENSATED ZENER REFERENCE DIODES * METALLURGICALLY BONDED
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C
REVERSE LEAKAGE CURRENT
lR = 15 A @ 25C & VR = 8 Vdc
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed.
JEDEC TYPE NUMBER
ZENER VOLTAGE vz @ I ZT
ZENER TEST CURRENT I ZT
MAXIMUM VOLTAGE TEMPERATURE EFFECTIVE ZENER TEMPERATURE RANGE TEMPERATURE IMPEDANCE STABILITY COEFFICIENT ZZT V ZT MAXIMUM (Note 1) (Note 2) mV 88 181 239 44 90 120 18 36 47 9 18 24 4 9 12 C 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +100 -55 to +150 0 to + 75 -55 to +150 -55 to +150 % / C 0.01 0.01 0.01 0.005 0.005 0.005 0.002 0.002 0.002 0.001 0.001 0.001 0.0005 0.0005 0.0005
VOLTS 1N941 1N941A 1N941B 1N942 1N942A 1N942B 1N943 1N943A 1N943B 1N944 1N944A 1N944B 1N945 1N945A 1N945B 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12--12.28 11.12 -12.28
mA 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
OHMS 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any.
NOTE 1 Zener impedance is derived by superimposing on lZT A 60Hz rms a.c. current equal to 10% of lZT. NOTE 2 The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the speci1/2ed mV at any discrete temperature between the established limits, per JEDEC standard No.5.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
21
Pd, Rated Power Dissipation (mW)
thru 1N945B INCLUDING -1 VERSIONS
1N941
600 500 400 300 200 100 0 0 25 50 75 100 125 150 175
TL, Lead temperature (C) 3/8" from body FIGURE 2
POWER DERATING CURVE
CHANGE IN TEMPERATURE COEFFICIENT (% / C)
+.0010 +.0005 0 -.0005 -.0010
5.5
6.0
6.5 7.0 7.5 8.0 8.5 9.0 OPERATING CURRENT lZT (mA)
9.5
FIGURE 3
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT
100
50
ZENER IMPEDANCE ZZT (OHMS)
20
10
5
2
1 5 6 7 8 9 OPERATING CURRENT lZT (mA) 10
FIGURE 4
ZENER IMPEDANCE VS. OPERATING CURRENT 22


▲Up To Search▲   

 
Price & Availability of 1N945B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X