Part Number Hot Search : 
ESDA14V2 ESDA14V2 AK520S SED1600D M61006FP CD3206BB 06100 Z0103
Product Description
Full Text Search
 

To Download 1N759A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zeners 1N4370A - 1N4372A 1N746A - 1N759A
Zeners 1N4370A - 1N4372A 1N746A - 1N759A
Absolute Maximum Ratings *
Symbol PD Parameter Power Dissipation @ TL 75C, Lead Length = 3/8" Derate above 75C TJ, TSTG Operating and Storage Temperature Range
TA = 25C unless otherwise noted
Tolerance = 5%
Units mW mW/C C
Value 500 4.0 -65 to +200
* These ratings are limiting values above which the serviceability of the diode may be impaired.
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Electrical Characteristics
Device 1N4370A 1N4371A 1N4372A 1N746A 1N747A 1N748A 1N749A 1N750A 1N751A 1N752A 1N753A 1N754A 1N755A 1N756A 1N757A 1N758A 1N759A Min. 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 11.40 Typ. 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 12
TA=25C unless otherwise noted
VZ (V) @ IZ = 20mA (Note 1) Max. 2.52 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.5 12.6
ZZ () @ IZ = 20mA 30 30 29 28 24 23 22 19 17 11 7 5 6 8 10 17 30
IZM (mA)
(Note 2)
IR (A) @ VR = 1V Ta = 25C 100 75 50 10 10 10 2 2 1 1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Ta = 125C 200 150 100 30 30 30 30 30 20 20 20 20 20 20 20 20 20
150 135 120 110 100 95 85 75 70 65 60 55 50 45 40 35 30
VF Forward Voltage = 1.5V Max @ IF = 200mA
Notes: 1. Zener Voltage (VZ) The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30C 1C and 3/8" lead length. 2. Maximum Zener Current Ratings (IZM) The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve.
(c)2004 Fairchild Semiconductor Corporation
1N4370A - 1N4372A 1N746A - 1N759A, Rev. C1
Zeners 1N4370A - 1N4372A 1N746A - 1N759A
Top Mark Information
Device 1N4370A 1N4371A 1N4372A 1N746A 1N747A 1N748A 1N749A 1N750A 1N751A 1N752A 1N753A 1N754A 1N755A 1N756A 1N757A 1N758A 1N759A Line 1 LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO Line 2 437 437 437 746 747 748 749 750 751 752 753 754 755 756 757 758 759 Line 3 0A 1A 2A A A A A A A A A A A A A A A Line 5 XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY XY
(c)2004 Fairchild Semiconductor Corporation
1N4370A - 1N4372A 1N746A - 1N759A, Rev. C1
Zeners 1N4370A - 1N4372A 1N746A - 1N759A
Top Mark Information (Continued)
F
1st line: F - Fairchild Logo 2nd line: Device Name - 3rd to 5th characters of the device name. or 4th to 6th characters for BZXyy series 3rd line: Device Name - 6th to 7th characters of the device name. or Voltage rating for BZXyy series 4th line: Device Code or - Two Digit - Six Weeks Date Code. Date code plus or Two Digit - Six Weeks Date Code Large die identification plus Large die identification, "L"
522 9B XY
General Requirements:
1.0 Cathod Band 2.0 First Line: F - Fairchild Logo 3.0 Second Line: Device name - For 1Nxx series: 3rd to 5th characters of the device name. For BZxx series: 4th to 6th characters of the device name. 4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name. For BZXyy series: Voltage rating 5.0 Fourth Line: XY or XYL - Two Digit - Six Weeks Date Code Where: X represents the last digit of the calendar year Y represents the Six weeks numeric code L represents the Large die identification 6.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec). 7.0 Maximum no. of marking lines: 4 8.0 Maximum no. of digits per line: 3 9.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line. 10.0 Marking Font: Arial (Except FSC Logo) 11.0 First character of each marking line must be aligned vertically
(c)2004 Fairchild Semiconductor Corporation
1N4370A - 1N4372A 1N746A - 1N759A, Rev. C1
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACT Quiet SeriesTM ActiveArrayTM FAST BottomlessTM FASTrTM CoolFETTM FPSTM CROSSVOLTTM FRFETTM DOMETM GlobalOptoisolatorTM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM FACTTM i-LoTM Across the board. Around the world.TM The Power Franchise Programmable Active DroopTM
DISCLAIMER
ImpliedDisconnectTM PACMANTM POPTM ISOPLANARTM Power247TM LittleFETTM MICROCOUPLERTM PowerSaverTM PowerTrench MicroFETTM QFET MicroPakTM QSTM MICROWIRETM QT OptoelectronicsTM MSXTM Quiet SeriesTM MSXProTM RapidConfigureTM OCXTM RapidConnectTM OCXProTM SILENT SWITCHER OPTOLOGIC SMART STARTTM OPTOPLANARTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I10


▲Up To Search▲   

 
Price & Availability of 1N759A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X