Part Number Hot Search : 
2T200BA PT226 STA80 2412Z 32M10 155009U N4710 AS637
Product Description
Full Text Search
 

To Download 1N6615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Spice Model
1N6615
Electrical Characteristics and Maximum Ratings
Part Working Number Reverse Voltage (Vrwm) Average Rectified Current (Io) Reverse Current @ Vrwm (Ir) Forward Voltage 1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C A Amps 25C Amps 25C ns Thermal Impedance Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF
(Vf) 25C Volts
J-L
L=.125 L=.375 L=.500 C/W C/W C/W
55C(1) 100C(2) 25C 100C Volts 1N6615 Amps Amps A A
1000
1.50
0.75
1.0
20
1.70
1.00
25
5
70
18
38
45
16
.110(2.8) MAX.
.185(4.7) MAX.
1.00(25.4) MIN.
.030 .003 (.77 .06)
Name
IS N T RS TT C J0 VJ M EG X TI KF AF FC BV IBV
Parameter
Reverse leakage current Emission coefficient Temperature Diode series resistance Transit time Zero-bias junction capacitance Bulk junction potential Grading coefficient Energy-band gap Temperature coefficient Flicker-noise coefficient Flicker-noise exponent Coefficient for capacitance Diode breakdown voltage Diode breakdown current
Value
2.500E-07 3.4 25 .11 70 38.42 .39 0.5 1.11 3 0 1 0.5 1100 100
Units
Amps
C Ohm nS pF Volts
Volts
Volts uAmps
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
Voltage Multipliers, Inc. 8711 W. Roosevelt Ave. Visalia, CA 93291
Tel (559) 651-1402 Fax (559) 651-0740 www.voltagemultipliers.com


▲Up To Search▲   

 
Price & Availability of 1N6615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X