Part Number Hot Search : 
GSMBTA92 MA2S376 TEA63 18CV8ZP 16244 AAT250 SI4112 MT48LC3
Product Description
Full Text Search
 

To Download 1N6508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6508
A Microsemi Company
580 Pleasant St. Watertown, MA 02472
Phone: 617-924-9280 Fax: 617-924-1235
DIODE ARRAY PRODUCT SPECIFICATION MONOLITHIC AIR ISOLATED DIODE ARRAY
FEATURES:
* * * *
HERMETIC CERAMIC PACKAGE Bv > 60V at 10uA Ir < 100nA at 40V C < 8.0 pF
1 4 6 10 12
11
9
8
7
5
3
Absolute Maximum Ratings:
Symbol VBR(R) *1 *2 IO *1 * 3 IFSM *1 PT1 *4 PT2 *4 Top Tstg Parameter Reverse Breakdown Voltage Continuous Forward Current Peak Surge Current (tp= 1/120 s) Power Dissipation per Junction @ 25C Power Dissipation per Package @ 25C Operating Junction Temperature Range Storage Temperature Range Limit 60 300 500 400 600 -65 to +150 -65 to +200 Unit Vdc mAdc mAdc mW mW C C
2 13
14 NOT CONNECTED
.320 .290 .200 .125 .200 MAX .310 .220 .005 MIN
.023 .014
.070 .030
.785 MAX
.100 BSC
.098 MAX
NOTE 1: Each Diode NOTE 2: Pulsed: PW = 100ms max.; duty cycle < 20% NOTE 3: Derate at 2.4mA/C above +25 C NOTE 4: Derate at 4.0mW/C above +25 C
.060 .015
O-15
.015 .008
Electrical Characteristics (Per Diode) @ 25C unless otherwise specified
Symbol Parameter Vf1 Vf2 IR1 Ct tfr trr Forward Voltage Forward Voltage Reverse Current Capacitance (pin to pin) Forward Recovery Time Reverse Recovery Time Conditions
PACKAGE OUTLINE
Min Max 1 1.5 0.1 8.0 40 20 Unit Vdc Vdc uAdc pF ns ns
If = 100mAdc *1 If = 500mAdc *1 VR = 40 Vdc VR = 0 Vdc ; f = 1 MHz If = 500mAdc If = IR = 200mAdc, irr = 20mAdc, RL = 100 ohms
NOTE 1: Pulsed: PW = 300us +/- 50us, duty cycle < 2%, 90us after leading edge
Sertech reserves the right to make changes to any product design, specification or other information at any time without prior notice.
MSC1019.PDF Rev - 11/25/98


▲Up To Search▲   

 
Price & Availability of 1N6508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X