Part Number Hot Search : 
2SDA1 TIP147F BL8558 AN6876 GRM033R AD5025 DC1253 1067183
Product Description
Full Text Search
 

To Download 1N6468US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6461US thru 1N6468US Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
SCOTTSDALE DIVISION
DESCRIPTION
This surface mount series of industry recognized voidless-hermetically-sealed Unidirectional Transient Voltage Suppressor (TVS) designs is military qualified to MILPRF-19500/551 and are ideal for high-reliability applications where a failure cannot be tolerated. They provide a Working Peak "Standoff" Voltage selection from 5.0 to 51.6 Volts with 500 W ratings. They are very robust in hard-glass construction and also use an internal metallurgical bond identified as Category I for high reliability applications. The 500 W series is military qualified to MIL-PRF-19500/551. These devices are also available in axial-leaded packages for thru-hole mounting by deleting the "US" suffix (see separate data sheet for 1N6461 thru 1N6468). Microsemi also offers numerous other TVS products to meet higher and lower peak pulse power and voltage ratings in both through-hole and surface-mount packages.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
Package "E" (or "D-5B")
WWW . Microsemi .C OM
FEATURES
* * * * * High surge current and peak pulse power provides transient voltage protection for sensitive circuits Triple-layer passivation Internal "Category I" metallurgical bonds Voidless hermetically sealed glass package JAN/TX/TXV military qualifications available per MILPRF-19500/551 by adding JAN, JANTX, or JANTXV prefix Further options for screening in accordance with MILPRF-19500 for JANS by using a "MSP" prefix, e.g. MSP6462, MSP6468, etc. Axial-leaded equivalents are also available in a square-end-cap MELF configuration (see separate data sheet for 1N6461 thru 1N6168) * * * * * * * * *
APPLICATIONS / BENEFITS
Military and other high reliability transient protection Extremely robust construction Working Peak "Standoff" Voltage (VWM) from 5.0 to 51.6 V Available as 500 W Peak Pulse Power (PPP) ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4 respectively Secondary lightning protection per select levels in IEC61000-4-5 Square-end-cap terminals for easy placement Nonsensitive to ESD per MIL-STD-750 Method 1020 Inherently radiation hard as described in Microsemi MicroNote 050
*
*
MAXIMUM RATINGS
o o
MECHANICAL AND PACKAGING
* CASE: Hermetically sealed voidless hard glass * Operating & Storage Temperature: -55 C to +175 C with Tungsten slugs * Peak Pulse Power at 25oC: 500 Watts @ 10/1000 s * TERMINATIONS: End caps are solid silver with (also see Figures 1,2 and 4) Tin/Lead (Sn/Pb) finish * Impulse repetition rate (duty factor): 0.01% * MARKING: None * Forward Surge Current: 80 Amps@ 8.33 ms one-half * POLARITY: Cathode band sine wave * Tape & Reel option: Standard per EIA-481-B * Forward Voltage: 1.5 V @ 1 Amp dc and 4.8 V at 100 Amps (pulsed) * Weight: 539 mg * Steady-State Power: 2.5 Watts @ TA = 25oC (see * See package dimensions on last page note below and Figure 4) * Thermal Resistance Junction to End Cap: 20 oC/W * Solder Temperatures: 260oC for 10 s (maximum) NOTE: Steady-state power ratings with reference to ambient are for PC boards where thermal resistance from mounting point to ambient is sufficiently controlled where TJ(MAX) is not exceeded.
1N6461 - 1N6468 1N6469 - 1N6476
Copyright 2004 11-01-2004 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N6461US thru 1N6468US Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
BREAK DOWN VOLTAGE V(BR) MIN. Volts 5.6 6.5 13.6 16.4 27.0 33.0 43.7 54.0 BREAKDOWN CURRENT I (BR) mAdc 25 20 5 5 2 1 1 1 WORKING PEAK VOLTAGE VWM Vdc 5 6 12 15 24 30.5 40.3 51.6 MAX LEAKAGE CURRENT ID Adc 3000 2500 500 500 50 3 2 2 MAXIMUM CLAMPING VOLTAGE VC MAXIMUM PEAK PULSE CURRENT IPP @8/20 s A(pk) 315 258 125 107 69 63 45 35 @10/1000 s A(pk) 56 46 22 19 12 11 8 6 MAXIMUM TEMP. COEF. OF V(BR) %/ C -.03, +0.04 0.06 0.085 0.085 .096 .098 .101 .103
o
WWW . Microsemi .C OM
TYPE
@ 10/1000 s
V(pk) 9.0 11.0 22.6 26.5 41.4 47.5 63.5 78.5
1N6461US 1N6462US 1N6463US 1N6464US 1N6465US 1N6466US 1N6467US 1N6468US
Symbol
VBR VWM ID VC PPP
SYMBOLS & DEFINITIONS Definition
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current. Working Peak Voltage: The maximum peak voltage that can be applied over the operating temperature range. This is also referred to as Standoff Voltage. Maximum Standoff Current: The maximum current that will flow at the specified voltage and temperature. Maximum clamping voltage at specified IPP (Peak Pulse Current) at the specified pulse conditions. Peak Pulse Power: The peak power dissipation resulting from the peak impulse current IPP.
GRAPHS
1N6461 - 1N6468 1N6469 - 1N6476
FIGURE 1 PEAK PULSE POWER vs. PULSE TIME
Copyright 2004 11-01-2004 REV A
FIGURE 2 10/1000 s CURRENT IMPULSE WAVEFORM
Page 2
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
1N6461US thru 1N6468US Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
Peak Pulse Power (Ppp), Current (Ipp), And DC Power in Percent of 25oC Rating
FIGURE 3 8/20 s CURRENT IMPULSE WAVEFORM (per MIL-PRF-19500/551
T - Temperature - oC FIGURE 4 DERATING CURVE
PACKAGE DIMENSIONS Inches [mm]
1N6461 - 1N6468 1N6469 - 1N6476
E-MELF-PKG (D-5B)
Note: If mounting requires adhesive separate from the solder, an additional 0.080 inch diameter contact may be placed in the center between the pads as an optional spot for cement as shown in the pad layout.
Copyright 2004 11-01-2004 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 1N6468US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X