Part Number Hot Search : 
SGM8552 D2W101 TK15402M L7405 SI7430D SM5063 SGM8552 05D15
Product Description
Full Text Search
 

To Download 1N6320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * AVAILABLE IN JAN, JANTX, JANTXV, AND JANS PER MIL-PRF-19500/533 * 500 mW ZENER DIODES * NON CAVITY CONSTRUCTION * METALLURGICALLY BONDED
1N6309 THRU 1N6320
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Power Dissapation: 500 mW @ TL=+75C @ L=3/8" Power Derating: 5mW/C above TL=+75C Forward Voltage: 1.4V dc @ IF=1A dc (Pulsed)
0.056/0.075 1.42/1.91
POLARITY BAND (CATHODE)
0.140/0.180 3.55/4.57
1.00 25.4 0.018/0.022 0.46/0.56
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
VZ2 NOM. 5% @ IZ2 VOLTS 1N6309 1N6310 1N6311 1N6312 1N6313 1N6314 1N6315 1N6316 1N6317 1N6318 1N6319 1N6320 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 v VZ VZ1 MIN. @IZ1 250 A VOLTS 1.1 1.2 1.3 1.5 1.8 2.0 2.4 2.8 3.3 4.3 5.2 6.0 IZ2 TEST CURRENT mA 20 20 20 20 20 20 20 20 20 20 20 20 ZZ @ IZ2 OHMS 30 30 29 24 22 20 18 16 14 8.0 3.0 3.0 ZZK @ 250 A OHMS 1200 1300 1400 1400 1400 1700 1400 1500 1300 1200 800 400 IZM VZ (reg) v VZ (1) mA 177 157 141 128 117 108 99 90 83 76 68 63 VOLTS 1.5 1.5 1.5 1.6 1.6 1.6 0.9 0.5 0.4 0.4 0.3 0.35 AMPS 2.5 2.2 2.0 1.8 1.65 1.5 1.4 1.27 1.17 1.10 0.97 1.23 VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.5 3.5 4.0 IZSM SURGE VR IR1 @ 25C A 100 60 30 5.0 3.0 2.0 2.0 5.0 5.0 5.0 5.0 2.0 IR2 ND @ @250 A TA= 1-3 kHz 150C A 200 150 100 20 12 12 12 12 12 10 10 50 V/ Hz 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 5.0 5.0
TYPE
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed, Glass "D" Body per MIL-PRF- 19500/533. D-5D LEAD MATERIAL: Copper clad steel LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJL): 250 C/W maximum THERMAL IMPEDANCE: (ZOJX): 15 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive.
NOTE 1
=
VZ @ 20 mAdc minus VZ @ 2 mAdc
MOUNTING POSITION: Any
22 COREY STREET, MELROSE, MASSACHUSETTS 02176 PHONE (781) 665-1071 FAX (781) 665-7379 WEBSITE: http://www.cdi-diodes.com E-mail: mail@cdi-diodes.com
1N6309
thru
1N6320
FIGURE 2
Pd, Rated Power Dissipation (mW) 500 400 300 200 100 0 0 25 50 75 100 125 150 175
TL, Lead temperature (C), 3/8" from body.
POWER DERATING CURVE
1000
500 400 300 200 ZENER IMPEDANCE ZZT (OHMS) 100 50 40 30 20 10 5 4 3 2 1 .1 .2 .5 1 2 5 10 20 50 100 OPERATING CURRENT IZT (mA)
3.3 VOLT 5.1 VOLT
6.2 VOLT
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT


▲Up To Search▲   

 
Price & Availability of 1N6320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X