Part Number Hot Search : 
330M35 A7802 MPR083EJ 5LN01M06 8162Z HE361B CY8C200 D74LV
Product Description
Full Text Search
 

To Download 1N5819-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
1N5817 - 1N5819
Pb
1.0A SCHOTTKY BARRIER DIODE
Features
! ! Schottky Barrier Chip Guard Ring Die Construction for Transient Protection ! High Current Capability A B ! Low Power Loss, High Efficiency ! High Surge Current Capability ! For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications D
A
C
Mechanical Data
! ! ! ! ! ! ! Case: DO-41, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.34 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
DO-41 Dim Min Max 25.4 -- A 4.06 5.21 B 0.71 0.864 C 2.00 2.72 D All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TL = 90C Symbol VRRM VRWM VR VR(RMS) IO IFSM
@TA=25C unless otherwise specified
1N5817 20 14
1N5818 30 21 1.0 25
1N5819 40 28
Unit V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Lead (Note 1) Operating and Storage Temperature Range @IF = 1.0A @IF = 3.0A @TA = 25C @TA = 100C
VFM IRM Cj RJL Tj, TSTG
0.450 0.750
0.550 0.875 1.0 10 110 15 -65 to +150
0.60 0.90
V mA pF C/W C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1N5817 - 1N5819
1 of 4
(c) 2006 Won-Top Electronics
1.0
30
0.8
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
1N5817
10
1N5818
0.6
0.4
1N5819
1.0
0.2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10 40 60 80 100 120 140150 TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0 0.5 0.6 0.7 0.8 0.9 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
25
1000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
20
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
15
100
10
5
10
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
1N5817 - 1N5819
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
5mm
1N581x WTE
Cathode 1N581x x WTE
= Polarity Band = Device Number = 7, 8 or 9 = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & BOX TAPE & REEL
Product ID Label
150mm
Inspection Hole (both ends)
330mm 255mm 75mm
BULK
805mm 20mm 198mm
Product ID Label
84mm
Packaging TAPE & REEL TAPE & BOX BULK
Reel Diameter / Box Size (mm) 330 255 x 75 x 150 198 x 84 x 20
Quantity (PCS) 5,000 5,000 1,000
Carton Size (mm) 370 x 370 x 420 400 x 273 x 415 459 x 214 x 256
Quantity (PCS) 25,000 50,000 50,000
Approx. Gross Weight (KG) 13.0 21.0 19.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
1N5817 - 1N5819
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
1N5817-T3 1N5817-TB 1N5817 1N5818-T3 1N5818-TB 1N5818 1N5819-T3 1N5819-TB 1N5819
1. 2. 3.
Package Type
DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41
Shipping Quantity
5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box 5000/Tape & Reel 5000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, 1N5817-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
1N5817 - 1N5819
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of 1N5819-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X