Part Number Hot Search : 
1N746 FR2504 00GB1 748BT1 UN9115J 22R225 LD2985 PMBT3946
Product Description
Full Text Search
 

To Download 1N5818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIEER RECTIFIER
1N5817 THRU 1N5819
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
20 to 40 Volts 1.0 Ampere
Fast switching speed Low forward voltage Low power loss, high efficiency High surge current capacity High Temperature soldering guaranteed: 260 OC / 10 second, 0.375" (9.5mm) lead length
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V - 0 rate flame retardant Polarity: Color Band denotes cathode end Lead: Plated axial lead, solderable per MIL - STD-202E Method 208C Mounting Position: Any Weight: 0.012 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
DO-41
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, 0.375" (9.5mm) lead length at TC = 90OC (Note 1) Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A @ 3.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 OC TA = 100 OC
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ TSTG
1N5817 20 14 20
1N5818 30 21 30 1.0 25
1N5819 40 28 40
UNIT
Volts Volts Volts Amps Amps
0.450 0.750
0.550 0.875 1.0 10 110 50 (-55 to +125) (-55 to +125)
0.600 0.900
Volts MA pF
O
Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) Typical Thermal Resistance (Note 1) Operating Junction Temperature Storage Temperature Rang
C/W O C O C
Notes:
1. Thermal resistance from junction to ambient with 0.375" (9.5mm) lead length, PCB mounted, with 1.5" x 1.5" (38cm x 38cm) copper pads
Sep-03, Rev A
Micro Electronic Instrument Inc.
RATINGS AND CHARACTERISTIC CURVES 1N5817 THRU 1N5819
Sep-03, Rev A
Micro Electronic Instrument Inc.


▲Up To Search▲   

 
Price & Availability of 1N5818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X