Part Number Hot Search : 
MM3Z47VS SH7750 ERG3S 3BC402 RJK03 RPM713B6 N4740 TDA154
Product Description
Full Text Search
 

To Download 1N5665A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Avalanche Diodes
1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N56 Series
FEATURES
* Hermetically sealed * Breakdown voltage range 6.8 - 200 volts * Glass passivated junction * Excellent clamping capability * Low zener impedance *100% surge tested *-55C to +150C *Uni-polar
(R)
6
SILICON DIODE ARRAYS
Min 31.8 Max 5.33 7.5 9.0 Min 25.4 Max 0.8 5.58
MAXIMUM RATING
*Peak Pulse Power (Ppk): 1500 Watts (10 x 1000s)@25C
(see diagram on page 3 for wave form)
*1 watt steady state *Response time: 1 x 10-12 seconds (theoretical) *Operating & storage temperature: -55C to +150C
MECHANICAL CHARACTERISTICS
*Case: Metal hermetically sealed DO-13 package *Terminals: Axial leads, solderable per MIL-STD-202
Method 208
*Solderable leads = 230C for 10 seconds (1.59mm from case) *Polarity: cathode indicated by colour band *Weight: 1.5 grammes (approx)
Agency Approvals: Recognized under the Components
Program of Underwriters Laboratories.
Agency File Number: E128662 ORDERING INFORMATION
1N 56 X X A
All dimensions in mm
Voltage Reference 5% Voltage Tolerance Packaging Option B = Bulk (500 pcs)
w w w. l i t t e l f u s e . c o m
313
Silicon Avalanche Diodes
1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N56 Series
(R)
100
100%
Peak Pulse Power - Pp (kW)
Exponential wave-form 10 Square wave-pulse 1
50%
Permissable area of operation
0 0C 50C 100C Tamb C 150C 200C
0.1 100ns
1s
10s
100s
1ms
10ms
Pulse Time (tp)
Figure 3 - Peak Pulse Power vs. Pulse Time
Figure 1 - Peak Power Derating Curve Peak pulse power in percent of 25C rating
20,000
W 1.0
10,000 6000 4000 2000 1000 800 600 400
Measured @ Zero Bias
0.75
0.50
Permissable area of operation
Cj (pf)
200 100 80 60 40
0.25
Measured at Stand-Off Voltage (VR)
0 0C 50C 100C Tamb C 150C 200C
30 10
Figure 2 - Continuous D.C. Power Derating CurveContinuous d.c. power dissipation
1.0 2
5 10 20 50 100 200
Reverse Voltage, Volts V(BR)
Figure 4 - Typical Junction Capacitance
314
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N56 Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number Reverse Stand Off Voltage VR (Volts) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 Breakdown Voltage VBR (Volts) @ IT MIN 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 MAX 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage IR @ VR (A) 1000.0 1000.0 500.0 500.0 200.0 200.0 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Clamping Voltage VC @ IPP (Volts) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 Maximum Peak Pulse Current IPP (A) 139.0 143.0 128.0 132.0 120.0 124.0 109.0 112.0 100.0 103.0 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 Max Voltage Temperature Variation of VBR (mV/C) 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 13.0 12.0 16.0 14.0 17.0 19.0 20.0 19.0 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0
(R)
6
SILICON DIODE ARRAYS
315
1N5629* 1N5629A* 1N5630 1N5630A 1N5631 1N5631A 1N5632 1N5632A 1N5633 1N5633A 1N5634 1N5634A 1N5635 1N5635A 1N5636 1N5636A 1N5637* 1N5637A* 1N5638* 1N5638A* 1N5639* 1N5639A* 1N5640 1N5640A 1N5641 1N5641A 1N5642 1N5642A 1N5643* 1N5643A* 1N5644* 1N5644A 1N5645 1N5645A 1N5646* 1N5646A*
Suffix `A' denotes 5% tolerance device, no suffix denotes a 10% tolerance device. 1N5629 to 1N5647A VF max = 3.5V at IF = 50A 300 S square wave pulse. 1N5648 to 1N5665A VF max = 5.0V at IF = 50A 300 S square wave pulse. * Preferred voltages.
w w w. l i t t e l f u s e . c o m
Silicon Avalanche Diodes
1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N56 Series
ELECTRICAL SPECIFICATION @ Tamb 25C
Part Number Reverse Stand Off Voltage VR (Volts) 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 Breakdown Voltage VBR (Volts) @ IT MIN 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 MAX 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum Reverse Leakage IR @ VR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Clamping Voltage VC @ IPP (Volts) 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 Maximum Peak Pulse Current IPP (A) 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 Max Voltage Temperature Variation of VBR (mV/C) 39.0 36.0 46.0 44.0 50.0 48.0 55.0 51.0 58.0 56.0 65.0 62.0 71.0 69.0 80.0 76.0 90.0 86.0 99.0 94.0 109.0 104.0 120.0 115.0 131.0 125.0 142.0 136.0 164.0 157.0 175.0 167.0 186.0 188.0 197.0 188.0 219.0 209.0
(R)
1N5647 1N5647A 1N5648 1N5648A 1N5649* 1N5649A* 1N5650 1N5650A 1N5651 1N5651A 1N5652 1N5652A 1N5653 1N5653A 1N5654 1N5654A 1N5655* 1N5655A* 1N5656* 1N5656A* 1N5657 1N5657A 1N5658 1N5658A 1N5659 1N5659A 1N5660* 1N5660A* 1N5661 1N5661A 1N5662 1N5662A 1N5663 1N5663A 1N5664 1N5664A 1N5665 1N5665A
Suffix `A' denotes 5% tolerance device, no suffix denotes a 10% tolerance device. 1N5629 to 1N5647A VF max = 3.5V at IF = 50A 300 S square wave pulse. 1N5648 to 1N5665A VF max = 5.0V at IF = 50A 300 S square wave pulse. * Preferred voltages.
316
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 1N5665A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X