Part Number Hot Search : 
BR9020F 21367 TM161 42827 MB9BF500 24C32 PMBD353 MSB15N60
Product Description
Full Text Search
 

To Download 1N5408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0A Rectifier
COMCHIP
www.comchiptech.com
1N5400 thru 1N5408
Reverse Voltage: 50 to 1000V Forward Current: 3.0A
DO-201AD
Features
- Diffused Junction - High Current Capability and Low Forward Voltage Drop - Surge Overload Rating to 200A Peak - Low Reverse Leakage Current - Plastic Material: UL Flammability Classification Rating 94V-0
0.189 (4.8) 0.209 (5.3) Dia.
1.0 (25.4) Min.
0.284 (7.2) 0.374 (9.5)
Mechanical Data
- Case: DO-201AD, Molded Plastic - Terminals: Solderable per MIL-STD-202, Method 208 - Polarity: Cathode Band - Weight: 1.1 grams (approx.)
0.047 (1.2) 0.051 (1.3) Dia.
1.0 (25.4) Min.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage @ TA = 105C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 3.0A @ TA = 25C @ TA = 150C (Note 2) Average Rectified Output Current Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJA Tj, TSTG 1N 5400 50 35
@ TA = 25C unless otherwise specified
1N 5401 100 70
1N 5402 200 140
1N 5404 400 280 3.0 200 1.0 10 100
1N 5406 600 420
1N 5407 800 560
1N 5408 1000 700
Unit V V A A V mA
50 15 -65 to +150
25
pF K/W C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
MDS0312006A
Page 1
Fast Switching Diode
COMCHIP
www.comchiptech.com
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
4.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
200 100
Tj = 25C
I(AV), AVERAGE FORWARD CURRENT (A)
3.0
10
2.0
1.0
1.0
0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.2 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
200
IFSM, PEAK FORWARD SURGE CURRENT (A)
100
1N5400 - 1N5405
100
Cj, CAPACITANCE (pF)
1N5406 - 1N5408
10
Tj = 25C Pulse width = 8.3ms
f = 1MHz Tj = 25C
10 1.0 10 100
1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current
MDS0312006A
Page 2


▲Up To Search▲   

 
Price & Availability of 1N5408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X