Part Number Hot Search : 
MTP8N10E MLX90 160CA 7W14F F2003 EC3H04B C9S08 FF181
Product Description
Full Text Search
 

To Download 1N5407-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Rectifier
1N5400-G thru 1N5408-G (RoHS Device)
Voltage: 50 ~ 1000 Volts Current: 3.0 Amp Features:
Low forward voltage drop High current capability Low reverse leakage current High surge current capability
1.0 (25.4) MIN. .052 (1.3) DIA. .048 (1.2)
DO-201AD
Mechanical Data:
Case: Molded plastic DO-201AD Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 1.1gram
.375 (9.5) .285 (7.2) .210 (5.3) .190 (4.8)
1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25C unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate currently by 20%. Characteristics Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Max. Average Forward Rectified Current@ TL = 75C Peak Forward Surge Current 8.3ms Single half-sine-wave superimposed on rated load (JEDEC Method) Max. Instantaneous Forward Voltage @ 3.0A Max. DC Reverse Current @ TJ = 25C At Rated DC Blocking Voltage @ TJ = 100C Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Junction and Storage Temperature Range
Note: (1) Thermal resistance junction to lead. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Symbol
1N 1N 1N 1N 1N 1N 1N 5400-G 5401-G 5402-G 5404-G 5406-G 5407-G 5406-G UNIT 50 35 50 100 70 100 200 140 200 400 280 400 3.0 600 420 600 800 560 800 1000 700 1000
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJC TJ, TSTG
V V V A
150
A V uA uA pF C/W C
0.95 5.0 250 40 15 -55 to +125
"-G" suffix designated RoHS compliant version
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page1
General Purpose Rectifier
1N5400-G thru 1N5408-G (RoHS Device)
FIG.1 - FORWARD CURRENT DERATING CURVE
3.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
150
2.5
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
125
2.0
100
1.5
75
1.0
50
0.5 60 Hz Resistive or Inductive load 0 0 50 100
o
25
0 150 1 10 100
LEAD TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=100 C 10
o
1.0
1
0.1
TJ=25 C 0.1
o
0.01 0.2 0.4 0.6 0.8
TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.0 1.2 1.4 1.6
o
0.01 0 20 40 60 80 100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE, pF
TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p
o
10
1 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
"-G" suffix designated RoHS compliant version
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page2


▲Up To Search▲   

 
Price & Availability of 1N5407-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X