Part Number Hot Search : 
IP138A SM4002 4053B 1410454C L78M12CP EGA64 10023 54HC3
Product Description
Full Text Search
 

To Download 1N5399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391 - 1N5399
VOLTAGE RANGE - 50 to 1000 Volts
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.38 gram
CURRENT - 1.5 Amperes
SILICON RECTIFIER
FEATURES
* * * * Low cost Low leakage Low forward voltage drop High current capability
DO-15
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
PARAMETER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375*(9.5mm) lead length at TL = 70 Peak Forward Surge Current: 8.3 ms single half sine-wave Superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.5A DC @TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 100 Maximum Full Load Reverse Current Average. Full Cycle .375*(9.5mm) lead length at TL = 75 Typical Junction Capacitance ( Note ) Typical Thermal Resistance Operating and Storage Temperature Range
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts
SYMBOL 1N5391 1N5392 1N5393 1N5395 1N5397 1N5398 1N5399 UNITS
VRRM VRMS VDC IO IFSM VF IR CJ RJL TJ,TSTG 50 35 50 100 70 100 200 140 200 400 280 400 1.5 50 1.4 5.0 500 30 20 50 -65 to +175 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps uAmps pF /W
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
1N5391 - 1N5399
RATING AND CHARACTERISTIC CURVES
SILICON RECTIFIER
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of 1N5399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X