Part Number Hot Search : 
MM1923H MAX1604 BAS21T1 LTM4620 ADP1864 BZX84 HER801 645ETT
Product Description
Full Text Search
 

To Download Z86L2908 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
Z86129/130/131
NTSC LINE 21 DECODER
FEATURES
Speed (MHz) 12 12 12 Pin Count/ Package Types 18-Pin DIP, SOIC 18-Pin DIP, SOIC 18-Pin DIP, SOIC Standard Temp. Range 0 to +70C 0 to +70C 0 to +70C
s
1
Devices Z86129 Z86130 Z86131
s
On-Screen Display & Closed Captioning Yes No No
Automatic Data Extraction V-Chip Time of Day Yes Yes No Yes Yes Yes
Complete Stand-Alone Line 21 Decoder for ClosedCaptions and Extended Data Services (XDS). Preprogrammed to Provide Full Compliance with EIA608 Specifications for Extended Data Services. Automatic Extraction and Serial Output of Special XDS Packets such as Time of Day, Local Time Zone, and Program Rating (V-Chip). Cost-Effective Solution for NTSC Violence Blocking inside Picture-in-Picture (PiP) Windows.
Minimal Communications and Control Overhead Provides Simple Implementation of Violence Block, Closed Caption, and Auto Clock Set Features. Programmable, Full Screen On-Screen Display (OSD) for Creating OSD or Captions inside a Picture-in-Picture (PiP) Window (Z86129 only). I2C Serial Data and Control Communication User-Programmable Horizontal Display Position for easy OSD Centering and Adjustment (Z86129 only).
s
s
s
s s
s
GENERAL DESCRIPTION
The Z86129/130/131 is a stand-alone integrated circuit, capable of processing Vertical Blanking Interval (VBI) data from both fields of the video frame in data conforming to the transmission format defined in the Television Decoder Circuits Act of 1990 and in accordance with the Electronics Industry Association specification 608 (EIA-608). The Line 21 data stream can consist of data from several data channels multiplexed together. Field 1 has four data channels, two Captions and two Text. Field 2 has five additional data channels, two Captions, two Text and Extended Data Services (XDS). XDS data structure is defined in EIA-608. The Z86129 can recover and display data transmitted on any of these nine data channels. The Z86130 and Z86131 are derivatives of the Z86129 which can recover XDS data and output the recovered data via the serial port. The Z86130 and Z86131 do not have OSD capability, but are ideally suited for Line 21 data slicer applications. The Z86129/130/131 can recover and output to a host processor via the I2C serial bus any XDS data packet defined in EIA-608. On-chip XDS filters are fully programmable, enabling recovery of only those XDS data packets selected by the user, making the Z86129/130 an ideal choice for implementing NTSC Violence Block. The Z86131 is designed especially for extracting XDS time information for Automatic Clock-Set features in TVs, VCRs, and Set-Top boxes. In addition, the Z86129/130 is ideally suited to monitor Line 21 of video displayed in a PiP window for violence blocking purposes. A block diagram of the Z86129/130/131 is shown in Figure 1.
217
VIN/ Intro
Z86129/130/131 NTSC Line 21 Decoder
Video Buffer Data Bus VW AW Digital II Lock Test Reg Command Processor Row Latch DOT CLK 4 10 6 DOT CLK DIV V Lock CHAR CLK CW O/S MSGR PH1 OSC CHAR CIR Display 8 Latch FLD SS CTR 4 Output Logic Line & Field Control V/I Ref Line & Fld Decodes 9 LPF Loop Filter 1 Vss 11 Vss(A) 10 RREF BOX BLUE GREEN RED POR CKT 13 Character Generator Display RAM Address MUX FEW Status Reg Row Lock SIG PG
Dual Clamp
8
SYNC Slicer
GENERAL DESCRIPTION (Continued)
CSYNC
Slice Level
COMP SYNC
CG Lines
MSYNC
CG Logic
ADDR DEC ADDR Decoder
PH2 Control
I Drive & MUX
FR
FLD LS SFLD SLS
5
HIN
17 3 2 18 Z86129 only
Addr Bus
7 Data Slicer Data CLK Recovery Serial Control Port
Sliced Data
Data Line
SMS SEN SCK SDA SDO
218
+5V VDD 13 6 4 15 14 16 12
Figure 1. Z86129 Block Diagram


▲Up To Search▲   

 
Price & Availability of Z86L2908

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X