Part Number Hot Search : 
83C51FA C9103 MIC2550 AN2842 W562M10V NSSU100 1N477 1N477
Product Description
Full Text Search
 

To Download STB8NM60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP8NM60 - STP8NM60FP STB8NM60 - STD5NM60 - STD5NM60-1
N-CHANNEL 650V@Tjmax-0.9-8A TO-220/FP/D/IPAK/DPAK STripFETTM II MOSFET
Table 1: General Features
TYPE STP8NM60 STP8NM60FP STD5NM60 STD5NM60-1 STB8NM60
s s s s
Figure 1: Package
ID 8A 8 A(*) 5A 5A 5A Pw 100 W 30 W 96 W 96 W 96 W 1 1 1 1 1
VDSS 650 V 650 V 650 V 650 V 650 V
RDS(on) < < < < <
3 1 2
s
TYPICAL RDS(on) = 0.9 HIGH dv/dt AND AVALANCHE CAPABILITIES 100% AVALANCHE TESTED LOW INPUT CAPACITANCE AND GATE CHARGE LOW GATE INPUT RESISTANCE
TO-220
3 1
TO-220FP
DPAK
3 1
1 3 2
DPAK DESCRIPTION The MDmeshTM is a new revolutionary MOSFET technology that associates the Multiple Drain process with the Company's PowerMESHTM horizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics. The adoption of the Company's proprietary strip technique yields overall dynamic performance that is significantly better than that of similar completition's products.
IPAK
Figure 2: Internal Schematic Diagram
APPLICATIONS The MDmeshTM family is very suitable for increase the power density of high voltage converters allowing system miniaturization and higher efficiencies.
Table 2: Order Codes
Sales Type STP8NM60 STP8NM60FP STD5NM60 STD5NM60-1 STB8NM60 Marking P8NM60 P8NM60FP D5NM60 D5NM60 B8NM60 Package TO-220 TO-220FP DPAK IPAK DPAK Packaging TUBE TUBE TAPE & REEL TUBE TAPE & REEL Rev. 2 April 2005 1/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
Table 3: Absolute Maximum ratings
Symbol VGS ID ID IDM ( ) PTOT dv/dt (1) VISO Tj Tstg Parameter
TO-220/DPAK
Value
TO-220FP DPAK/IPAK
Unit V 5 3.1 20 96 0.4 15 A A A W W/C V/ns V C
Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Insulation Withstand Voltage (DC) Operating Junction Temperature Storage Temperature 8 5 32 100 0.8 15 -
30 8 (*) 5 (*) 32 (*) 30 0.24 15 2500 -55 to 150
( ) Pulse width limited by safe operating area (1) ISD 5A, di/dt 400A/s, VDD V(BR)DSS, Tj TJMAX. (*) Limited only by maximum temperature allowed
Table 4: Thermal Data
TO-220/DPAK
TO-220FP 4.16 62.5 300
DPAK/IPAK
Rthj-case Rthj-amb Tl
Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose
1.25
1.3
C/W C/W C
Table 5: Avalanche Characteristics
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Max Value 2.5 200 Unit A mJ
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) Table 6: On/Off
Symbol V(BR)DSS IDSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C Min. 600 Typ. Max. Unit V
1 10 100
A A nA
IGSS VGS(th) RDS(on)
Gate-body Leakage VGS = 30V Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance VDS = VGS, ID = 250A VGS = 10V, ID = 2.5 A 3 4 0.9
5 1
V
2/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1 - STB8NM60 - STB8NM60
ELECTRICAL CHARACTERISTICS (CONTINUED) Table 7: Dynamic
Symbol gfs Ciss Coss Crss Coss eq. (2) td(on) tr Qg Qgs Qgd Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDS = ID(on) x RDS(on)max, ID = 2.5A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 2.4 440 100 10 50 14 10 13 5 6 18 Max. Unit S pF pF pF pF ns ns nC nC nC
VGS = 0V, VDS = 0V to 480V VDD = 300 V, ID = 2.5 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 400V, ID = 5 A, VGS = 10V
Table 8: Switching On/Off
Symbol td(off) tf tr(Voff) tf tc Parameter Turn-off Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 300 V, ID = 2.5 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480V, ID = 5 A, RG = 4.7, VGS = 10V (Inductive Load see, Figure 5) Min. Typ. 23 10 7 10 17 Max. Unit ns ns ns ns ns
Table 9: Source Drain Diode
Symbol ISD ISDM ( ) VSD (2) trr Qrr IRRM trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 5 A, VGS = 0 ISD = 5 A, di/dt = 100A/s VDD = 100 V, Tj = 25C (see test circuit, Figure 5) ISD = 5 A, di/dt = 100A/s VDD = 100 V, Tj = 150C (see test circuit, Figure 5) 300 1950 13 445 3005 13.5 Test Conditions Min. Typ. Max. 8 32 1.5 Unit A A V ns C A ns C A
(2) Pulsed: Pulse duration = 300 s, duty cycle 1.5 %.
3/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
Figure 3: Safe Operating Area for TO-220/ DPAK Figure 6: Thermal Impedance for TO-220/ DPAK
Figure 4: Safe Operating Area for TO-220FP
Figure 7: Thermal Impedance for TO-220FP
Figure 5: Safe Operating Area for DPAK/IPAK
Figure 8: Thermal Impedance for DPAK/IPAK
4/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1 - STB8NM60 - STB8NM60
Figure 9: Output Characteristics Figure 12: Transfer Characteristics
Figure 10: Transconductance
Figure 13: Static Drain-Source on Resistance
Figure 11: Gate Charge vs Gate source Voltage
Figure 14: Capacitance Variations
5/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
Figure 15: Normalized Gate Thereshold Voltage vs Temperature j Figure 17: Normalized on Resistance vs Temperature
Figure 16: Source Drain Diode Forward Characteristics
6/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1 - STB8NM60 - STB8NM60
Figure 18: Unclamped Inductive Load Test Circuit Figure 21: Unclamped Inductive Wafeform
Figure 19: Switching Times Test Circuit For Resistive Load
Figure 22: Gate Charge Test Circuit
Figure 20: Test Circuit For Inductive Load Switching and Diode Recovery Times
7/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
8/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1 - STB8NM60 - STB8NM60
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1
D
F
G1 H
F2
L2 L5
E
123
L4
G
9/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
TO-251 (IPAK) MECHANICAL DATA
DIM. MIN. A A1 A3 B B2 B3 B5 B6 C C2 D E G H L L1 L2 0.45 0.48 6 6.4 4.4 15.9 9 0.8 0.8 0.3 0.95 0.6 0.6 6.2 6.6 4.6 16.3 9.4 1.2 1 0.017 0.019 0.236 0.252 0.173 0.626 0.354 0.031 0.031 2.2 0.9 0.7 0.64 5.2 mm TYP. MAX. 2.4 1.1 1.3 0.9 5.4 0.85 0.012 0.037 0.023 0.023 0.244 0.260 0.181 0.641 0.370 0.047 0.039 MIN. 0.086 0.035 0.027 0.025 0.204 inch TYP. MAX. 0.094 0.043 0.051 0.031 0.212 0.033
H
A
C C2
L2 D
B3
B6
A1
L
=
=
3
B5
B
A3
=
B2
=
G
=
E
L1
1
2
=
0068771-E
10/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1 - STB8NM60 - STB8NM60
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0
o
DIM. 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35
inch MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 1.00 8
o
TYP.
TYP.
MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
0.8 0.024 0
o
0.039 0o
P032P_B
11/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
DPAK FOOTPRINT
All dimensions are in millimeters
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 16.4 50 22.4 18.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0.795 0.645 0.724 1.968 0.881 BULK QTY 2500 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 B1 D D1 E F K0 P0 P1 P2 R
W
BASE QTY 2500
mm MIN. 6.8 10.4 1.5 1.5 1.65 7.4 2.55 3.9 7.9 1.9 40
15.7 16.3
inch MIN. MAX. 7 0.267 0.275 0.409 0.417 0.476 0.059 0.063 0.059 0.065 0.073 0.291 0.299 0.100 0.108 0.153 0.161 0.311 0.319 0.075 0.082 1.574
0.618 0.641
MAX. 10.6 12.1 1.6 1.85 7.6 2.75 4.1 8.1 2.1
12/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1 - STB8NM60 - STB8NM60
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
13/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
14/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1 - STB8NM60 - STB8NM60
Table 10: Revision History
Date 11-Apr-2005 Revision 2 Inserted DPAK. Description of Changes
15/16
STP8NM60 - STP8NM60FP - STD5NM60 - STD5NM60-1- STB8NM60
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2005 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
16/16


▲Up To Search▲   

 
Price & Availability of STB8NM60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X