Part Number Hot Search : 
1N5392J1 MC33897D M4T27 TDZ30 2SC3896 380005 9N303AS3 MC33897D
Product Description
Full Text Search
 

To Download SIL630 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT Power Inductor
SIL630 Type
Features
Small size (5.6mm*5.6mm), low profile (3.0mm max. height) SMD type. Magnetically shielded, suitable for high density mounting. High energy storage and low DCR. Provided with embossed carrier tape packing. Ideal for power source circuits, DC-DC converter, DC-AC inverters inductor application. In addition to the standard versions shown here, custom inductors are available to meet your exact requirements.
Mechanical Dimension: Unit: mm
Recommended Pad
6.3 2.0 6.3 6.0 Max. 2.0 0.1
3.0 Max.
6.0 Max.
Electrical Characteristics:
PART NO.
SIL630 - 2R6 SIL630 - 3R0 SIL630 - 4R2 SIL630 - 5R3 SIL630 - 6R2 SIL630 - 8R2 SIL630 - 100 SIL630 - 120 SIL630 - 150 SIL630 - 180 SIL630 - 220 SIL630 - 270 SIL630 - 330 SIL630 - 390 SIL630 - 470 SIL630 - 560 SIL630 - 680 SIL630 - 820 SIL630 - 101
L (uH)
2.6 3.0 4.2 5.3 6.2 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100
DCR ( ) MAX
0.018 0.024 0.031 0.038 0.045 0.053 0.065 0.076 0.103 0.110 0.122 0.175 0.189 0.212 0.260 0.305 0.355 0.463 0.520
IRATED (Adc)
2.60 2.40 2.20 1.90 1.80 1.60 1.30 1.20 1.10 1.00 0.90 0.85 0.75 0.70 0.62 0.58 0.52 0.46 0.42
100.00
INDUCTANCE (uH)
101 820 680 560 470 390 330 270 220 180 150 120 100 8R2 6R2 5R3 4R2 3R0 2R6
10.00
1.00 0.00
0.01
0.10 CURRENT (A)
1.00
10.00
Tolerance of inductance 2.6~100uH 30% I RATED : rated current. L<35%, T<45oC at IRATED Operating temperature: -20oC to 105oC (including self-temperature rise) Test condition at 25oC: 100KHz, 0.1V DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991 http://www.deltaww.com
34


▲Up To Search▲   

 
Price & Availability of SIL630

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X