Part Number Hot Search : 
BA541 PT12133 100LVE RC883 04A55AD PST3627 PRODUC 0GA12
Product Description
Full Text Search
 

To Download SF15JC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
SF15JC10
100V 15A
OUTLINE DIMENSIONS
Case : FTO-220 Unit : mm
RATINGS
Absolute Maximum Ratings i If not specified, Tc=25j Item Symbol Conditions Storage Temperature Tstg Operating Junction Temperature Tj Maximum Reverse Voltage VRM Average Rectified Forward Current 50Hz sine wave, R-load, Rating for each diode Io/2, Tc=124 IO Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25 Dielectric Strength Vdis Terminals to case, AC 1 minute Mounting Torque TOR (Recommended torque F 0.3Nm) Electrical Characteristics i If not specified, Tc=25j Item Symbol Conditions Forward Voltage IF=7.5A, Pulse measurement, Rating of per diode VF Reverse Current VR=VRM, Pulse measurement, Rating of per diode IR Junction Capacitance f=1MHz, VR=10V, Rating of per diode Cj Thermal Resistance AEjc junction to case Ratings -55150 150 100 15 150 2.0 0.5 Ratings Max 0.86 Max 0.6 Typ 200 Max 2.0 Unit V A A kV Nm Unit V mA pF /W
Copyright & Copy;2001 Shindengen Electric Mfg.Co.Ltd
SF15JC10
100
Forward Voltage
Pulse measurement per diode
50
IF
10
Forward Current
[A]
20
5 Tc=150C [MAX] Tc=150C [TYP] Tc= 25C [MAX] Tc= 25C [TYP]
2
1
0.5
0.2
0.1
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
Forward Voltage
VF
[V]
SF15JC10
100
Reverse Current
Pulse measurement per diode
Tc=150C [TYP] 10 Tc=125C [TYP]
[mA]
Tc=100C [TYP] 1 Tc=75C [TYP]
Reverse Current
IR
0.1
Tc=50C [TYP]
0.01 Tc=25C [TYP]
0.001
0.0001
20
40
60
80
100
Reverse Voltage
VR
[V]
SF15JC10
20
Forward Power Dissipation
[W]
DC D=0.8 15 0.5 SIN 0.3 0.2 10 0.05 0.1
Forward Power Dissipation
PF
5
0
0
5
10
15
20
25
Average Rectified Forward Current Io [A]
Tj = 150C
0 tp D=tp/T T
IO
SF15JC10
Reverse Power Dissipation
12 DC D=0.05 0.1 0.2 8 0.3
[W]
10
Reverse Power Dissipation
PR
6
0.5 4 SIN 0.8
2
0
0
20
40
60
80
100
120
Reverse Voltage
VR
[V]
Tj =150C
0 VR tp D=tp/T T
SF15JC10
30
Derating Curve
IO [A] Average Rectified Forward Current
25
DC D=0.8
20 0.5 15 SIN 0.3 10 0.2 0.1 5 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature
Tc
[C]
VR =50V
IO 0 0 VR tp D=tp/T T
SF15JC10
200
Peak Surge Forward Capability
IFSM
10ms
10ms
1 cycle
IFSM [A]
150
non-repetitive, sine wave, Tj=25C before surge current is applied
Peak Surge Forward Current
100
50
0
1
2
5
10
20
50
100
Number of Cycles
[cycle]
SF15JC10
5000
Junction Capacitance
f=1MHz Tc=25C TYP per diode
2000
[pF] Cj Junction Capacitance
1000 500
200 100 50
20 10 0.1
0.2
0.5
1
2
5
10
20
50
100
Reverse Voltage
VR
[V]


▲Up To Search▲   

 
Price & Availability of SF15JC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X