Part Number Hot Search : 
607044 70R600P DC60D60 14A22 AOZ8206 ISL3155E PIC33FJ 1604CS
Product Description
Full Text Search
 

To Download SCLF-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount
Low Pass Filters
50 DC to 865 MHz
Features
-40C to 85C -55C to 100C 0.5W Max.
! NEW
SCLF-SERIES SALF-SERIES
Maximum Ratings
Operating Temperature Storage Temperature Power Input
* 7-section elliptic function * excellent rejection, 20 dB at 1.25* f3 dB and 40 dB at 1.46* f3 dB * low cost
CASE STYLE: YY161/YY101
Applications Pin Connections
IN OUT GROUND 1 8 2,3,4,5,6,7
* defense communications * receivers transmitters * harmonic rejection of vcos
Electrical Specifications Outline Drawing
MODEL NO. PASSBAND (MHz)
(loss < 1 dB) Min. SCLF-4.7 SCLF-8.4 SCLF-10 SCLF-23 SCLF-27 SCLF-36 SCLF-44 SCLF-65 SALF-78 SALF-116 SALF-146 SALF-265 SALF-325 SALF-396 SALF-490 SALF-580 SALF-680 SALF-800 SALF-865 DC-4.7 DC-8.4 DC-10 DC-23 DC-27 DC-36 DC-44 DC-65 DC-78 DC-116 DC-146 DC-265 DC-325 DC-396 DC-490 DC-580 DC-680 DC-800 DC-865
fco, MHz Nom.
(loss 3 dB) Typ. 5.6 9.4 12.2 25 30 40 48.5 71 93 142 171 308 383 458 620 720 790 935 980
STOP BAND (MHz)
(loss> 20 dB) Min. 6.60-7.40 11.4-12.6 14.0-16.0 31.0-34.0 36.0-41.0 50.0-57.0 59.0-65.5 86.0-96.0 120-136 182-220 210-240 390-470 480-580 570-620 800-900 1000-1300 1090-1400 1200-1330 1300-1400 ( loss> 40 dB) Min. 7.4-600 12.6-210 16.0-230 34.0-320 41.0-480 57.0-390 65.5-420 96-510 136-550 220-825 240-850 470-1100 580-1250 620-1430* 900-1600* 1300-2100 1400-2200 1330-2550* 1400-2550*
VSWR (:1)
Passband Stopband Typ. Typ. 1.25 1.25 1.20 1.5 1.3 1.3 1.3 1.3 1.3 1.3 1.5 1.2 1.3 1.3 1.3 1.5 1.4 1.6 1.4 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18 18
CASE STYLE
PRICE $
Qty. (1-9)
YY161 YY161 YY161 YY161 YY161 YY161 YY161 YY161 YY101 YY101 YY101 YY101 YY101 YY101 YY101 YY101 YY101 YY101 YY101
8.95 8.95 8.95 8.95 8.95 8.95 8.95 8.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95 6.95
YY101*/YY161 Outline Dimensions ( inch) mm
A .75 19.05 B .38 9.65 C .28 7.11 D .010 0.25 E .050 1.27 N .100 2.54 F .020 0.51 G .200 5.08 H .075 1.91
*Stopband loss, 35 dB min.
For other cut-off frequency requirements, please contact factory, new models typically ship within 2-3 weeks A.R.O
J K .600 .450 15.24 11.43
L M -- .470 -- 11.94
P wt. .150 grams 3.81 1.6
*For YY101, C=0.2" (5.08 mm)
Demo Board MCL P/N: TB-187 Suggested PCB Layout (PL-049)
ATTENUATION, dB
LOW PASS TYPICAL FREQUENCY RESPONSE 40dB*
20dB
DC
3dB 1dB 1.46 0.86 1 1.25 FREQUENCY / Fco
3
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
REV. B M92178 ED-10820 SCLF_SALF-SERIES WZ/URJ/CP/AM 040429


▲Up To Search▲   

 
Price & Availability of SCLF-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X